Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3172A Datasheet(PDF) 6 Page - Texas Instruments

Part # UC3172A
Description  Full Bridge Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3172A Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC3172A Datasheet HTML 2Page - Texas Instruments UC3172A Datasheet HTML 3Page - Texas Instruments UC3172A Datasheet HTML 4Page - Texas Instruments UC3172A Datasheet HTML 5Page - Texas Instruments UC3172A Datasheet HTML 6Page - Texas Instruments UC3172A Datasheet HTML 7Page - Texas Instruments UC3172A Datasheet HTML 8Page - Texas Instruments UC3172A Datasheet HTML 9Page - Texas Instruments UC3172A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VPARK: The auxiliary inverting input to the A amplifier,
activated during park conditions on the UC3172A. An in-
ternal auxiliary non-inverting input is connected to the
1.3V reference. When the auxiliary inputs are activated,
the A amplifier will force a programmed voltage at its out-
put for a maximum back-EMF/velocity retract of the
head. The park condition on the UC3172A is always acti-
vated by any one of the following four conditions, 1: a low
condition on either of the UV inputs, 2: a high input level
at the PARK input, 3: a UVLO condition at the VL supply
pin, and 4: activation of the TSD (thermal shutdown) pro-
tection circuit. During a UVLO condition at the VL pin the
auxiliary inputs to the A amplifier are over-ridden, and the
A amplifier output is forced to its high state.
UV1 & 2: Inputs to the UV comparator, these inputs are
high impedance sensing points used to monitor external
supply conditions. Either of the inputs going low will force
the device into a park condition, and force the PWROK
output to an active low state. If either of these inputs is
not used it should be connected to a voltage greater than
1.3V.
APPLICATION INFORMATION
PIN DESCRIPTIONS (cont.)
UC3172A
0
0.1
0.2
0.3
0
500
100
600
200
700
300
800
400
900 1000
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0°C
0°C
25°C
25°C
125°C
125°C
LOW-SIDE
HIGH-SIDE
Output Current (mA)
A and B Amplifier High and Low Vsats
0.6
0
500
100
600
200
700
300
800
400
900 1000
0.8
1.0
1.2
1.4
1.6
1.8
0°C
25°C
125°C
Output Current (mA)
A and B Amplifier Total Vsat
0
0.2
0
50
100
150
200
0.4
0.6
0.8
1
0°C
25°C
125°C
A or B Amplifier High-Side Vsat Increase (mVolts)
I=
450mA
OUT
VIN to VC Headroom
0
0.1
0
5
10
15
20
0.2
0.3
0.4
0.5
0°C
25°C
125°C
Power OK Output Current (mA)
PWROK Saturation Voltage
6


Similar Part No. - UC3172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQP TI1-UC3173AQP Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQPTR TI1-UC3173AQPTR Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
More results

Similar Description - UC3172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com