Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF2505 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505
Description  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2505 Datasheet(HTML) 3 Page - Texas Instruments

  CDCVF2505 Datasheet HTML 1Page - Texas Instruments CDCVF2505 Datasheet HTML 2Page - Texas Instruments CDCVF2505 Datasheet HTML 3Page - Texas Instruments CDCVF2505 Datasheet HTML 4Page - Texas Instruments CDCVF2505 Datasheet HTML 5Page - Texas Instruments CDCVF2505 Datasheet HTML 6Page - Texas Instruments CDCVF2505 Datasheet HTML 7Page - Texas Instruments CDCVF2505 Datasheet HTML 8Page - Texas Instruments CDCVF2505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
1Y[0−3]
2, 3, 5, 7
O
Clock outputs. These outputs are low-skew copies of CLKIN. Each output has an integrated 25-
series damping resistor.
CLKIN
1
I
Clock input. CLKIN provides the clock signal to be distributed by the CDCVF2505 clock driver.
CLKIN is used to provide the reference signal to the integrated PLL that generates the clock output
signals. CLKIN must have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once
the circuit is powered up and a valid signal is applied, a stabilization time (100
µs) is required for the
PLL to phase lock the feedback signal to CLKIN.
CLKOUT
8
O
Feedback output. CLKOUT completes the internal feedback loop of the PLL. This connection is
made inside the chip and an external feedback loop should NOT be connected. CLKOUT can be
loaded with a capacitor to achieve zero delay between CLKIN and the Y outputs.
GND
4
Power
Ground
VDD3.3V
6
Power
3.3-V Supply
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VDD
−0.5 V to 4.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Notes 1 and 2)
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDD)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
165.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PWR package
230.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 4.3 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
3.3
3.6
V
High-level input voltage, VIH
0.7 VDD
V
Low-level input voltage, VIL
0.3 VDD
V
Input voltage, VI
0
VDD
V
High-level output current, IOH
−12
mA
Low-level output current, IOL
12
mA
Operating free-air temperature, TA
−40
85
°C


Similar Part No. - CDCVF2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
CDCVF2505D TI-CDCVF2505D Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF2505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com