Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8670409VPA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670409VPA
Description  QML CLASS V, CURRENT-MODE PWM CONTROLLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8670409VPA Datasheet(HTML) 2 Page - Texas Instruments

  5962-8670409VPA Datasheet HTML 1Page - Texas Instruments 5962-8670409VPA Datasheet HTML 2Page - Texas Instruments 5962-8670409VPA Datasheet HTML 3Page - Texas Instruments 5962-8670409VPA Datasheet HTML 4Page - Texas Instruments 5962-8670409VPA Datasheet HTML 5Page - Texas Instruments 5962-8670409VPA Datasheet HTML 6Page - Texas Instruments 5962-8670409VPA Datasheet HTML 7Page - Texas Instruments 5962-8670409VPA Datasheet HTML 8Page - Texas Instruments 5962-8670409VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
7
5
4
2
1
3
8
7
6
5
UC1842A-SP, UC1843A-SP, UC1844A-SP, UC1845A-SP
SLUS872A – JANUARY 2009 – REVISED MAY 2009........................................................................................................................................................ www.ti.com
BLOCK DIAGRAM
ORDERING INFORMATION(1)
PARENT
PACKAGE(2)
ORDERABLE PART NUMBER
TA
TOP-SIDE MARKING
JG (8-CDIP)
5962-8670405VPA
8670405VPA/UC1842A
UC1842A
–55°C to 125°C
FK (20-LCCC)
5962-8670405VXA
5962-8670405VXA/UC1842ALQMLV
JG (8-CDIP)
5962-8670406VPA
8670406VPA/UC1843A
UC1843A
–55°C to 125°C
FK (20-LCCC)
5962-8670406VXA
5962-8670406VXA/UC1843ALQMLV
JG (8-CDIP)
5962-8670407VPA
8670407VPA/UC1844A
UC1844A
–55°C to 125°C
FK (20-LCCC)
5962-8670407VXA
5962-8670407VXA/UC1844ALQMLV
JG (8-CDIP)
5962-8670408VPA
8670408VPA/UC1845A
UC1845A
–55°C to 125°C
FK (20-LCCC)
5962-8670408VXA
5962-8670408VXA/UC1845ALQMLV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ORDERING INFORMATION (RADIATION IMPROVED DEVICES)(1)(2)
PARENT
PACKAGE(3)
ORDERABLE PART NUMBER
TA
TOP-SIDE MARKING
UC1843A
JG (8-CDIP)
5962-8670409VPA
–55°C to 125°C
8670409VPA/UC1843A-SP
(1)
See Electrical Characteristics (Radiation Improved Devices).
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(3)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): UC1842A-SP UC1843A-SP UC1844A-SP UC1845A-SP


Similar Part No. - 5962-8670409VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670409VPA TI1-5962-8670409VPA Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
5962-8670409VPA TI1-5962-8670409VPA Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - 5962-8670409VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com