Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8670408VXA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8670408VXA
Description  QML CLASS V, CURRENT-MODE PWM CONTROLLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8670408VXA Datasheet(HTML) 5 Page - Texas Instruments

  5962-8670408VXA Datasheet HTML 1Page - Texas Instruments 5962-8670408VXA Datasheet HTML 2Page - Texas Instruments 5962-8670408VXA Datasheet HTML 3Page - Texas Instruments 5962-8670408VXA Datasheet HTML 4Page - Texas Instruments 5962-8670408VXA Datasheet HTML 5Page - Texas Instruments 5962-8670408VXA Datasheet HTML 6Page - Texas Instruments 5962-8670408VXA Datasheet HTML 7Page - Texas Instruments 5962-8670408VXA Datasheet HTML 8Page - Texas Instruments 5962-8670408VXA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ELECTRICAL CHARACTERISTICS (RADIATION IMPROVED DEVICES)
(1)
UC1842A-SP, UC1843A-SP, UC1844A-SP, UC1845A-SP
www.ti.com........................................................................................................................................................ SLUS872A – JANUARY 2009 – REVISED MAY 2009
VCC = 15 V, RT = 10 kΩ, CT = 3.3 nF, TA = TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Section
Output voltage
TJ = 25°C, IO = 1 mA
4.94
5
5.06
V
Line regulation
VCC = 12 V to 25 V
6
20
mV
Load regulation
IL = 1 mA to 20 mA
6
25
mV
Total output variation
Over line, load, and temperature
4.9
5.1
V
Output noise voltage
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C
50
µV
Short-circuit output current
–30
–100
–180
mA
Oscillator Section
Initial accuracy
TJ = 25°C
47
52
57
kHz
Voltage stability
VCC = 12 V to 25 V
0.2
1
%
Temperature stability
TJ = -55°C to 125°C
5
%
Amplitude
VRT/CT peak to peak
1.7
V
TJ = 25°C, VRT/CT = 2 V
7.8
8.3
8.8
Discharge current(2)
mA
VRT/CT = 2 V
7.5
8.8
Error Amp Section
Input voltage
VComp = 2.5 V
2.45
2.50
2.55
mV
Input bias current
–0.3
–1
µA
Open-loop voltage gain
VO = 2 V to 4 V
65
90
dB
Unity-gain bandwidth
TJ = 25°C
(3)
0.7
1
MHz
PSRR
VCC = 12 V to 25 V
60
70
dB
Output sink current
VFB = 2.7 V, VComp = 1.1 V
2
6
mA
Output source current
VFB = 2.3 V, VComp = 5 V
–0.5
–0.8
mA
High-level output voltage
VFB = 2.3 V, RL = 15 kΩ to ground
5
6
V
Low-level output voltage
VFB = 2.7 V, RL = 15 kΩ to VREF
0.7
1.1
V
Current Sense Section
Gain(4)(5)
2.85
3
3.15
V/V
Maximum input signal
VComp = 5 V
(4)
0.9
1
1.1
V
PSRR
VCC = 12 V to 25 V
(4)
70
dB
Input bias current
–2
–10
µA
Delay to output
VISENSE = 0 to 2 V
(3)
150
300
ns
Output Section
ISINK = 20 mA
0.1
0.4
V
Output low-level voltage
ISINK = 200 mA
1.5
2.2
V
ISOURCE = 20 mA
13
13.5
V
Output high-level voltage
ISOURCE = 200 mA
12
13.0
V
Rise time
CL = 1 nF, TJ = 25°C
(3)
50
150
ns
Fall time
CL = 1 nF, TJ = 25°C
(3)
50
150
ns
UVLO saturation
VCC = 5 V, ISINK = 10 mA
0.7
1.2
V
Undervoltage Lockout Section
Start threshold
7.8
8.4
9
V
Minimum operation voltage after turn-on
7
7.6
8.2
V
PWM Section
(1)
See Ordering Information (Radiation Improved Devices).
(2)
This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 µA of current to the measurement. The total
current flowing into the RT/CT pin will be approximately 300 µA higher than the measured value.
(3)
Parameters ensured by design and/or characterization, if not production tested.
(4)
Parameter measured at trip point of latch with VFB = 0 V.
(5)
Gain defined as: G =
ΔVComp/ΔVISENSE; VISENSE = 0 to 0.8 V.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1842A-SP UC1843A-SP UC1844A-SP UC1845A-SP


Similar Part No. - 5962-8670408VXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8670408VXA TI-5962-8670408VXA Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
5962-8670408VXA TI-5962-8670408VXA Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
5962-8670408VXA TI1-5962-8670408VXA Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
More results

Similar Description - 5962-8670408VXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com