Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF2505PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505PW
Description  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2505PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCVF2505PW Datasheet HTML 2Page - Texas Instruments CDCVF2505PW Datasheet HTML 3Page - Texas Instruments CDCVF2505PW Datasheet HTML 4Page - Texas Instruments CDCVF2505PW Datasheet HTML 5Page - Texas Instruments CDCVF2505PW Datasheet HTML 6Page - Texas Instruments CDCVF2505PW Datasheet HTML 7Page - Texas Instruments CDCVF2505PW Datasheet HTML 8Page - Texas Instruments CDCVF2505PW Datasheet HTML 9Page - Texas Instruments CDCVF2505PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
0
−50
−100
−150
0
50
100
50
100
f − Frequency − MHz
tpd, TYPICAL PROPAGATION DELAY TIME
vs
FREQUENCY(TUNED FOR MINIMUM DELAY)
150
150
200
Load: CLKOUT = 21 pF || 500
Ω,
Yn = 25 pF || 500
Figure 4
45
47.5
50
52.5
55
25
50
75
100
125
150
175
200
DUTY CYCLE
vs
FREQUENCY
f − Frequency − MHz
Load: CLKOUT = 12 pF || 500
Ω,
Yn = 25 pF || 500
0
100
200
300
400
500
25
50
75
100
125
150
175
200
f − Frequency − MHz
CYCLE−CYCLE JITTER
vs
FREQUENCY
Typical Values @ 3.3 V,
TA = 25°C
Figure 5
Figure 6
0
20
40
60
80
100
120
0
20
40
60
80
100 120 140 160 180 200
ICC, SUPPLY CURRENT
vs
FREQUENCY
Worst Case @ VCC = 3.6 V, TA = 85°C,
Load: Y and CLKOUT = 25 pF || 500
f − Frequency − MHz


Similar Part No. - CDCVF2505PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505PW TI-CDCVF2505PW Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505PW TI1-CDCVF2505PW Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDCVF2505PWG4 TI1-CDCVF2505PWG4 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDCVF2505PWR TI-CDCVF2505PWR Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505PWR TI1-CDCVF2505PWR Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
More results

Similar Description - CDCVF2505PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com