Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA723CNSRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UA723CNSRG4
Description  PRECISION VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA723CNSRG4 Datasheet(HTML) 3 Page - Texas Instruments

  UA723CNSRG4 Datasheet HTML 1Page - Texas Instruments UA723CNSRG4 Datasheet HTML 2Page - Texas Instruments UA723CNSRG4 Datasheet HTML 3Page - Texas Instruments UA723CNSRG4 Datasheet HTML 4Page - Texas Instruments UA723CNSRG4 Datasheet HTML 5Page - Texas Instruments UA723CNSRG4 Datasheet HTML 6Page - Texas Instruments UA723CNSRG4 Datasheet HTML 7Page - Texas Instruments UA723CNSRG4 Datasheet HTML 8Page - Texas Instruments UA723CNSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
µA723
PRECISION VOLTAGE REGULATORS
SLVS057D – AUGUST 1972 – REVISED JULY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI
9.5
40
V
Output voltage, VO
2
37
V
Input-to-output voltage differential, VC – VO
3
38
V
Output current, IO
150
mA
Operating free-air temperature range, TA
µA723C
0
70
°C
electrical characteristics at specified free-air temperature (see Notes 3 and 4)
PARAMETER
TEST CONDITIONS
T
µA723C
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VI = 12 V to VI = 15 V
25
°C
0.1
1
Input regulation
VI = 12 V to VI = 40 V
25
°C
1
5
mV/V
VI = 12 V to VI = 15 V
0
°C to 70°C
3
Ripple rejection
f = 50 Hz to 10 kHz,
Cref = 0
25
°C
74
dB
Ripple rejection
f = 50 Hz to 10 kHz,
Cref = 5 µF
25
°C
86
dB
Output regulation
25
°C
–0.3
–2
mV/V
Output regulation
0
°C to 70°C
–6
mV/V
Reference voltage, Vref
25
°C
6.8
7.15
7.5
V
Standby current
VI = 30 V,
IO = 0
25
°C
2.3
4
mA
Temperature coefficient of output voltage
0
°C to 70°C
0.003
0.015
%/
°C
Short-circuit output current
RSC = 10 Ω,
VO = 0
25
°C
65
mA
Output noise voltage
BW = 100 Hz to 10 kHz,
Cref = 0
25
°C
20
µV
Output noise voltage
BW = 100 Hz to 10 kHz,
Cref = 5 µF
25
°C
2.5
µV
NOTES:
3. For all values in this table, the device is connected as shown in Figure 1 with the divider resistance as seen by the error amplifier
≤ 10 kΩ. Unless otherwise specified, VI = VCC+ = VC = 12 V, VCC– = 0, VO = 5 V, IO = 1 mA, RSC = 0, and Cref = 0.
4. Pulse-testing techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
electrical characteristics, TA = 25°C (see Notes 3 and 4)
PARAMETER
TEST CONDITIONS
µA723Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input regulation
VI = 12 V to VI = 15 V
0.1
mV/V
Input regulation
VI = 12 V to VI = 40 V
1
mV/V
Ripple rejection
f = 50 Hz to 10 kHz,
Cref = 0
74
dB
Ripple rejection
f = 50 Hz to 10 kHz,
Cref = 5 µF
86
dB
Output regulation
–0.3
mV/V
Reference voltage, Vref
7.15
V
Standby current
VI = 30 V,
IO = 0
2.3
mA
Short-circuit output current
RSC = 10 Ω,
VO = 0
65
mA
Output noise voltage
BW = 100 Hz to 10 kHz,
Cref = 0
20
µV
Output noise voltage
BW = 100 Hz to 10 kHz,
Cref = 5 µF
2.5
µV
NOTES:
3. For all values in this table, the device is connected as shown in Figure 1 with the divider resistance as seen by the error amplifier
≤ 10 kΩ. Unless otherwise specified, VI = VCC+ = VC = 12 V, VCC– = 0, VO = 5 V, IO = 1 mA, RSC = 0, and Cref = 0.
4. Pulse-testing techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.


Similar Part No. - UA723CNSRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UA723CN PHILIPS-UA723CN Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
More results

Similar Description - UA723CNSRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
   High Voltage Adjustable Precision Shunt Regulators
VER 1.5
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com