Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1875-SP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UC1875-SP
Description  RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1875-SP Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC1875-SP Datasheet HTML 7Page - Texas Instruments UC1875-SP Datasheet HTML 8Page - Texas Instruments UC1875-SP Datasheet HTML 9Page - Texas Instruments UC1875-SP Datasheet HTML 10Page - Texas Instruments UC1875-SP Datasheet HTML 11Page - Texas Instruments UC1875-SP Datasheet HTML 12Page - Texas Instruments UC1875-SP Datasheet HTML 13Page - Texas Instruments UC1875-SP Datasheet HTML 14Page - Texas Instruments UC1875-SP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
UC1875-SP
www.ti.com
SLUSAQ9
– DECEMBER 2011
Delay Blocks and Output Stages
In each of the output stages, transistors Q3 through Q6 form a high-speed totem-pole driver which will source or
sink more than one amp peak with a total delay of approximately 30 nanoseconds. To ensure a low output level
prior to turn-on, transistors Q7 through Q9 form a self-biased driver to hold Q6 on prior to the supply reaching its
turn-on threshold. This circuit is operable when the chip supply is zero. Q6 is also turned on and held low with a
signal from the fault logic portion of the chip.
Figure 7.
The delay providing the dead-time is accomplished with C1 which must discharge to VTH before the output can
go high. The time is defined by the current sources, I1, which is programmed by an external resistor, RTD. The
voltage on the Delay Set pins is internally regulated to 2.5 V and the range of dead time control is from 50 to 200
nanoseconds.
NOTE
There is no way to disable the delay circuitry, and the delay time must be programmed.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UC1875-SP


Similar Part No. - UC1875-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
More results

Similar Description - UC1875-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com