Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8761901V2A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8761901V2A
Description  DUAL CHANNEL POWER DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8761901V2A Datasheet(HTML) 3 Page - Texas Instruments

  5962-8761901V2A Datasheet HTML 1Page - Texas Instruments 5962-8761901V2A Datasheet HTML 2Page - Texas Instruments 5962-8761901V2A Datasheet HTML 3Page - Texas Instruments 5962-8761901V2A Datasheet HTML 4Page - Texas Instruments 5962-8761901V2A Datasheet HTML 5Page - Texas Instruments 5962-8761901V2A Datasheet HTML 6Page - Texas Instruments 5962-8761901V2A Datasheet HTML 7Page - Texas Instruments 5962-8761901V2A Datasheet HTML 8Page - Texas Instruments 5962-8761901V2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
UC1707-SP
www.ti.com
SLUSAG0
– MARCH 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
40
V
VC
Collector supply voltage
40
V
Output current (each output, source or sink) steady-state
±500
mA
Peak transient
±1
A
Capacitive discharge energy
15
mJ
Digital inputs(1)
5.5
V
Analog stop inputs
VIN
TJ
Operating virtual-junction temperature
150
°C
J package
9.6
θJC
Package thermal impedance, junction to case(2)(3)
W package
8.3
°C/W
FK package
9.5
J package
13
Power dissipation at Tcase = 25°C
(1)
W package
15
W
FK package
13
Operating temperature range
–55
125
°C
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 seconds)
300
°C
(1)
All voltages are with respect to the four ground pins which must be connected together. All currents are positive into, negative out of the
specified terminal. Digital drive can exceed 5.5 V if input current is limited to 10 mA. Consult packaging section of databook for thermal
limitations and considerations of package.
(2)
Maximum power dissipation is a function of TJ (max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ (max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with MIL-STD-883.
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for TA = –55°C to 125°C; VIN = VC = 20 V. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Supply current
VIN = 40 V
12
15
mA
VC
Supply current
VC = 40 V, outputs low
5.2
7.5
mA
VC
Leakage current
VIN = 0, VC - 30 V, no load
0.05
0.1
mA
Digital input low level
0.8
V
Digital input high level
2.2
V
Input current
VI = 0
–0.06
–1.0
mA
Input leakage
VI = 5 V
0.05
0.1
mA
IO = –50 mA
2.0
VC – VO Output high sat.
V
IO = –500 mA
2.5
IO = –50 mA
0.4
VO
Output low sat.
V
IO = –500 mA
2.5
8761901
100
130
150
Analog threshold
VCM = 0 to 15 V
mV
8761903
90
130
150
Input bias current
VCM = 0
–10
–20
μA
Thermal shutdown
155
°C
Shutdown threshold
Pin 7 input
0.4
1.0
2.2
V
Latch disable threshold
Pin 3 input
0.8
1.2
2.2
V
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1707-SP


Similar Part No. - 5962-8761901V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8761901V2A TI1-5962-8761901V2A Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
5962-8761901V2A TI1-5962-8761901V2A Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
5962-8761901V2A TI1-5962-8761901V2A Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Similar Description - 5962-8761901V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com