Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1200IPFBRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TWL1200IPFBRQ1
Description  SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL1200IPFBRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TWL1200IPFBRQ1 Datasheet HTML 1Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 2Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 3Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 4Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 5Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 6Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 7Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 8Page - Texas Instruments TWL1200IPFBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TWL1200-Q1
SCES832A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
DESCRIPTION
The TWL1200-Q1 is a 19-bit voltage translator specifically designed to bridge seamlessly the 1.8-V/2.6-V digital-
switching compatibility gap between 2.6-V baseband and the TI Wi-Link-6 (WL1271/3). The device is optimized
for SDIO, UART, and audio functions. The TWL1200-Q1 has two supply-voltage pins, VCCA and VCCB, that can
be operated over the full range of 1.1 V to 3.6 V. The TWL1200-Q1 enables system designers easily to interface
applications processors or digital basebands to peripherals operating at a different I/O voltage levels, such as the
TI Wi-Link-6 (WL1271/3) or other SDIO/memory cards.
The TWL1200-Q1 is offered in a thin quad flat pack [TQFP (PFB)] package. Low static power consumption and
small package size make the TWL1200-Q1 an ideal choice for mobile-phone applications.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE
TA
PACKAGE(2)
TOP-SIDE MARKING
PART NUMBER
–40°C to 85°C
TQFP – PFB
Tape and reel
TWL1200IPFBRQ1
TWL1200Q1
(1)
For the most-current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
AUD_CLK_A
45
I/O
Connected to baseband audio subsystem; drive strength = 4 mA
AUDIO_CLK_B
41
I/O
Connected to Wi-Link-6 PCM subsystem; drive strength = 4 mA
AUD_DIR
43
I
Direction control signal for AUDIO_CLK and AUDIO_F-SYNC signals
AUDIO_F_SYNK_A
46
I/O
Connected to baseband audio subsystem; drive strength = 4 mA
AUDIO_F_SYNK_B
40
I/O
Connected to Wi-Link-6 PCM subsystem; drive strength = 4 mA
AUDIO_IN_A
16
I
Connected to baseband audio subsystem
AUD_IN_B
22
O
Connected to Wi-Link-6 PCM subsystem; drive strength = 4 mA
BT_EN_A
10
I
Connected to baseband UART subsystem
BT_EN_B
28
O
Connected to BT UART subsystem of Wi-Link-6; drive strength = 2 mA
BT_UART_CTS_A
11
I
Connected to baseband UART subsystem
BT_UART_CTS_B
27
O
Connected to BT UART subsystem of Wi-Link-6; drive strength = 4 mA
BT_UART_RTS_A
12
O
Connected to baseband UART subsystem; drive strength = 4 mA
BT_UART_RTS_B
24
I
Connected to BT UART subsystem of Wi-Link-6
BT_UART_RX_A
13
I
Connected to baseband UART subsystem
BT_UART_RX_B
25
O
Connected to BT UART subsystem of Wi-Link-6; drive strength = 8 mA
BT_UART_TX_A
15
O
Connected to baseband UART subsystem; drive strength = 8 mA
BT_UART_TX_B
23
I
Connected to BT UART subsystem of Wi-Link-6
CLK_REQ_A
9
O
Connected to baseband SDIO controller; drive strength = 4 mA
CLK_REQ_B
29
I
Connected to SD/SDIO peripheral
8, 14,
Ground
GND
20, 26
OE
42
I
Output enable (active low)
PCM_AUDIO_OUT_A
17
O
Connected to baseband audio subsystem; drive strength = 4 mA
PCM_AUD_OUT_B
21
I
Connected to Wi-Link-6 PCM subsystem
SDIO_CLK_A
1
I
Clock signal connected to baseband SDIO controller. Referenced to VCCA
Clock signal connected to SD/SDIO peripheral. Referenced to VCCB; drive strength = 8
SDIO_CLK_B
37
O
mA
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TWL1200-Q1


Similar Part No. - TWL1200IPFBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1200 TI-TWL1200 Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TWL1200YFFR TI-TWL1200YFFR Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TWL1200ZQCR TI-TWL1200ZQCR Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - TWL1200IPFBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1200 TI-TWL1200 Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
SN74AVC6T622 TI-SN74AVC6T622 Datasheet
763Kb / 23P
[Old version datasheet]   AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
[Old version datasheet]   SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com