Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5151IPBSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5151IPBSR
Description  Ultralow-Power NTSC/PAL/SECAM Video Decoder
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP5151IPBSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TVP5151IPBSR Datasheet HTML 4Page - Texas Instruments TVP5151IPBSR Datasheet HTML 5Page - Texas Instruments TVP5151IPBSR Datasheet HTML 6Page - Texas Instruments TVP5151IPBSR Datasheet HTML 7Page - Texas Instruments TVP5151IPBSR Datasheet HTML 8Page - Texas Instruments TVP5151IPBSR Datasheet HTML 9Page - Texas Instruments TVP5151IPBSR Datasheet HTML 10Page - Texas Instruments TVP5151IPBSR Datasheet HTML 11Page - Texas Instruments TVP5151IPBSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
TVP5151
SLES241E
– SEPTEMBER 2009 – REVISED OCTOBER 2011
www.ti.com
Table 2-1. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
ZQC
PBS
This terminal has three functions selectable by bit 7 of I2C register 03h and bit 1 of I2C
register 0Fh:
INTREQ: Interrupt request output
GPCL: General-purpose control logic output. In this mode, the state of terminal 27 is
INTREQ/
B5
27
O
directly programmed via I2C.
GPCL/VBLK
VBLK: Vertical blanking output. In this mode, terminal 27 indicates the vertical blanking
interval of the output video. The beginning and end times of this signal are
programmable via I2C.
An external pullup or pulldown resistor is required under certain conditions (see Figure 6-1).
IO_DVDD
G2
10
P
Digital output supply, 1.8 V to 3.3 V
SCLK
G1
9
O
System clock at 2x the frequency of the pixel clock.
Power-down terminal (active low). Puts the decoder in standby mode. Preserves the value
PDN
A5
28
I
of the registers.
Active-low reset. RESETB can be used only when PDN = 1. When RESETB is pulled low, it
RESETB
F1
8
I
resets all the registers and restarts the internal microprocessor.
SCL
D7
21
I/O
I2C serial clock (open drain)
SDA
C7
22
I/O
I2C serial data (open drain)
VSYNC: Vertical synchronization signal
PALI: PAL line indicator or horizontal lock indicator. For the PAL line indicator:
VSYNC/PALI
B7
24
O
1 = Noninverted line
0 = Inverted line
G3
12
F4
13
G4
14
YOUT[6:0]
G5
15
O
ITU-R BT.656 output/YCbCr 4:2:2 output with discrete syncs
G6
16
G7
17
F7
18
I2CSEL: Determines address for I2C (sampled during reset). A pullup or pulldown resistor is
needed (
>1 kΩ) to program the terminal to the desired address.
1 = Address is BAh
YOUT7/I2CSEL
F3
11
I/O
0 = Address is B8h
YOUT7: Most significant bit (MSB) of ITU-R BT.656 output/YCbCr 4:2:2 output
8
Device Details
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TVP5151IPBSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150 TI-TVP5150 Datasheet
440Kb / 26P
[Old version datasheet]   LOW POWER VIDEO DECODER WITH SCALING
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
TVP5150AM1 TI-TVP5150AM1 Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results

Similar Description - TVP5151IPBSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
[Old version datasheet]   Ultralow-Power NTSC/PAL Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com