Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1200-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TWL1200-Q1
Description  SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL1200-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TWL1200-Q1 Datasheet HTML 4Page - Texas Instruments TWL1200-Q1 Datasheet HTML 5Page - Texas Instruments TWL1200-Q1 Datasheet HTML 6Page - Texas Instruments TWL1200-Q1 Datasheet HTML 7Page - Texas Instruments TWL1200-Q1 Datasheet HTML 8Page - Texas Instruments TWL1200-Q1 Datasheet HTML 9Page - Texas Instruments TWL1200-Q1 Datasheet HTML 10Page - Texas Instruments TWL1200-Q1 Datasheet HTML 11Page - Texas Instruments TWL1200-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TWL1200-Q1
SCES832A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP(1)
MAX UNIT
IOH = –100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCCO – 0.2
A port
(Buffer-type output,
1.65 V
1.65 V
1.2
IOH = –8 mA
8-mA drive)
2.5 V
2.5 V
1.97
VOH
V
IOH = –100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCCO – 0.2
A port
(Buffer-type output,
1.65 V
1.65 V
1.2
IOH = –4 mA
4-mA drive)
2.5 V
2.5 V
1.97
A port
1.65 V
1.65 V
1.5
VOH
(Switch-type
IOH = –20 μA
V
2.5 V
2.5 V
2.3
outputs)
IOL = 100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
0.2
A port
(Buffer-type output,
1.65 V
1.65 V
0.45
IOL = 8 mA
8-mA drive)
2.5 V
2.5 V
0.55
VOL
V
IOL = 100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
0.2
A port
(Buffer-type output,
1.65 V
1.65 V
0.45
IOL = 4 mA
4-mA drive)
2.5 V
2.5 V
0.55
A port
IOL = 220 μA, VIN = 0.15 V
1.65 V
1.65 V
0.45
VOL
(Switch-type
V
IOL = 300 μA, VIN = 0.15 V
2.5 V
2.5 V
0.55
outputs)
IOH = –100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCC0 – 0.2
B port
(Buffer-type output,
1.65 V
1.65 V
1.2
IOH = –8 mA
8-mA drive)
2.5 V
2.5 V
1.97
IOH = –100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCC0 – 0.2
B port
(Buffer-type output,
1.65 V
1.65 V
1.2
IOH = –4 mA
4-mA drive)
2.5 V
2.5 V
1.97
VOH
V
IOH = –100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
VCC0 – 0.2
B port
(Buffer-type output,
1.65 V
1.65 V
1.2
IOH = –2 mA
2-mA drive)
2.5 V
2.5 V
1.97
B port
1.65 V
1.65 V
1.5
(Switch-type
IOH = –20 μA
2.5 V
2.5 V
2.3
outputs)
IOL = 100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
0.2
B port
(Buffer-type output,
1.65 V
1.65 V
0.45
IOL = 8 mA
8-mA drive)
2.5 V
2.5 V
0.55
IOL = 100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
0.2
B port
(Buffer-type output,
1.65 V
1.65 V
0.45
IOL = 4 mA
4-mA drive)
2.5 V
2.5 V
0.55
VOL
V
IOL = 100 μA
1.1 V to 3.6 V
1.1 V to 3.6 V
0.2
B port
(Buffer-type output,
1.65 V
1.65 V
0.45
IOL = 2 mA
2-mA drive)
2.5 V
2.5 V
0.55
B port
IOL = 220 μA, VIN = 0.15 V
1.65 V
1.65 V
0.45
(Switch-type
IOL = 300 μA, VIN = 0.15 V
2.5 V
2.5 V
0.55
outputs)
II
VI = VCCA or GND
1.1 V to 3.6 V
1.1 V to 3.6 V
±1
μA
1.1 V to 3.6 V
1.1 V to 3.6 V
15
Switch-type I/O are open and all
ICCA
other inputs are biased at either
3.6 V
0 V
14
μA
VCC or GND
0 V
3.6 V
–12
(1)
All typical values are at TA = 25°C.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TWL1200-Q1


Similar Part No. - TWL1200-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1200 TI-TWL1200 Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TWL1200YFFR TI-TWL1200YFFR Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TWL1200ZQCR TI-TWL1200ZQCR Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - TWL1200-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1200 TI-TWL1200 Datasheet
700Kb / 31P
[Old version datasheet]   SDIO, UART, AND AUDIO VOLTAGE-TRANSLATION TRANSCEIVER
TXS02612 TI-TXS02612 Datasheet
627Kb / 22P
[Old version datasheet]   SDIO PORT EXPANDER WITH VOLTAGE-LEVEL TRANSLATION
SN74AVC6T622 TI-SN74AVC6T622 Datasheet
763Kb / 23P
[Old version datasheet]   AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
TXS02612 TI-TXS02612_10 Datasheet
608Kb / 24P
[Old version datasheet]   SDIO PORT EXANDER WITH VOLTAGE-LEVEL TRANSLATION
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com