Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7952SRHBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7952SRHBR
Description  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7952SRHBR Datasheet(HTML) 5 Page - Texas Instruments

  ADS7952SRHBR Datasheet HTML 1Page - Texas Instruments ADS7952SRHBR Datasheet HTML 2Page - Texas Instruments ADS7952SRHBR Datasheet HTML 3Page - Texas Instruments ADS7952SRHBR Datasheet HTML 4Page - Texas Instruments ADS7952SRHBR Datasheet HTML 5Page - Texas Instruments ADS7952SRHBR Datasheet HTML 6Page - Texas Instruments ADS7952SRHBR Datasheet HTML 7Page - Texas Instruments ADS7952SRHBR Datasheet HTML 8Page - Texas Instruments ADS7952SRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
www.ti.com
SLAS605A – JUNE 2008 – REVISED JANUARY 2010
ELECTRICAL CHARACTERISTICS, ADS7950/51/52/53
+VA = 2.7 V to 5.25 V, +VBD = 1.7 V to 5.25 V, Vref = 2.5 V ± 0.1 V, TA = -40°C to 125°C, fsample = 1 MHz (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Range 1
0
Vref
Full-scale input span(1)
V
Range 2 while 2Vref
≤ +VA
0
2*Vref
–0.20
VREF
Range 1
+0.20
Absolute input range
V
–0.20
2*VREF
Range 2 while 2Vref
≤ +VA
+0.20
Input capacitance
15
rF
Input leakage current
TA = 125°C
61
nA
SYSTEM PERFORMANCE
Resolution
12
Bits
ADS795XSB (2)
12
No missing codes
Bits
ADS795XS(2)
11
ADS795XSB(2)
–1
±0.5
1
Integral linearity
LSB(3)
ADS795XS(2)
–1.5
±0.75
1.5
ADS795XSB(2)
–1
±0.5
1
Differential linearity
LSB
ADS795XS(2)
–2
±0.75
1.5
Offset error(4)
–3.5
±1.1
3.5
LSB
Range 1
–2
±0.2
2
Gain error
LSB
Range 2
±0.2
Total unadjusted error (TUE)
±2
LSB
SAMPLING DYNAMICS
Conversion time
20 MHz sclk
800
nSec
Acquisition time
325
nSec
Maximum throughput rate
20 MHz sclk
1.0
MHz
Aperture delay
5
nsec
Step response
150
nsec
Over voltage recovery
150
nsec
DYNAMIC CHARACTERISTICS
Total harmonic distortion(5)
100 kHz
–82
dB
Signal-to-noise ratio
100 kHz, ADS795XSB(2)
70
71.7
dB
100 kHz, ADS795XS(2)
70
71.7
Signal-to-noise + distortion
100 kHz, ADS795XSB(2)
69
71.3
dB
100 kHz, ADS795XS(2)
68
71.3
Spurious free dynamic range
100 kHz
84
dB
Small signal bandwidth
At –3 dB
47
MHz
Any off-channel with 100kHz, Full-scale input to
channel being sampled with DC input (isolation
–95
crosstalk).
Channel-to-channel crosstalk
dB
From previously sampled to channel with 100kHz,
Full-scale input to channel being sampled with DC
–85
input (memory crosstalk).
EXTERNAL REFERENCE INPUT
(1)
Ideal input span; does not include gain or offset error.
(2)
ADS795X, where X indicates 0, 1, 2, or 3
(3)
LSB means Least Significant Bit.
(4)
Measured relative to an ideal full-scale input
(5)
Calculated on the first nine harmonics of the input frequency.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Similar Part No. - ADS7952SRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7952SRHBR TI1-ADS7952SRHBR Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7952SRHBR TI1-ADS7952SRHBR Datasheet
2Mb / 70P
[Old version datasheet]   Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7952SRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com