Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVC1103 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1103
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1103 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCLVC1103 Datasheet HTML 7Page - Texas Instruments CDCLVC1103 Datasheet HTML 8Page - Texas Instruments CDCLVC1103 Datasheet HTML 9Page - Texas Instruments CDCLVC1103 Datasheet HTML 10Page - Texas Instruments CDCLVC1103 Datasheet HTML 11Page - Texas Instruments CDCLVC1103 Datasheet HTML 12Page - Texas Instruments CDCLVC1103 Datasheet HTML 13Page - Texas Instruments CDCLVC1103 Datasheet HTML 14Page - Texas Instruments CDCLVC1103 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CDCLVC1102PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
CDCLVC1103PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
CDCLVC1104PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
CDCLVC1106PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CDCLVC1108PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CDCLVC1110PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
CDCLVC1112PWR
TSSOP
PW
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1


Similar Part No. - CDCLVC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1103 TI-CDCLVC1103 Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103 TI-CDCLVC1103 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103PW TI-CDCLVC1103PW Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103PWR TI-CDCLVC1103PWR Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
More results

Similar Description - CDCLVC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com