Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB3410IVFQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB3410IVFQ1
Description  USB To Serial Port Controller
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3410IVFQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB3410IVFQ1 Datasheet HTML 6Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 7Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 8Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 9Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 10Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 11Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 12Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 13Page - Texas Instruments TUSB3410IVFQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Introduction
1
SGLS249A − August 2004 − Revised September 2008
TUSB3410-Q1
1
Introduction
1.1
Controller Description
The TUSB3410 provides bridging between a USB port and an enhanced UART serial port. The TUSB3410
contains all the necessary logic to communicate with the host computer using the USB bus. It contains an 8052
microcontroller unit (MCU) with 16K bytes of RAM that can be loaded from the host or from external on-board
memory via an I2C bus. It also contains 10K bytes of ROM that allow the MCU to configure the USB port at
boot time. The ROM code also contains an I2C boot loader. All the device functions such as the USB command
decoding, UART setup, and error reporting are managed by the internal MCU firmware under the auspices
of the PC host.
The TUSB3410 can be used to build an interface between a legacy serial peripheral device and a PC with USB
ports, such as a legacy-free PC. Once configured, data flows from the host to the TUSB3410 via USB OUT
commands and then out from the TUSB3410 on the SOUT line. Conversely, data flows into the TUSB3410
on the SIN line and then into the host via USB IN commands.
Host
(PC or OTG DRD)
USB
Out
In
TUSB3410
SOUT
SIN
Legacy
Serial
Peripheral
Figure 1−1. Data Flow


Similar Part No. - TUSB3410IVFQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410IVF TI-TUSB3410IVF Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TUSB3410IVFG4 TI-TUSB3410IVFG4 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TUSB3410IVFQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410 TI-TUSB3410 Datasheet
317Kb / 92P
[Old version datasheet]   USB TO SERIAL PORT CONTROLLER
TUSB3410 TI-TUSB3410_10 Datasheet
1Mb / 98P
[Old version datasheet]   USB to Serial Port Controller
logo
Prolific Technology Inc...
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
   USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
   USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
   USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
   USB to Serial Bridge Controller
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303GL PROLIFIC-PL2303GL Datasheet
120Kb / 1P
   USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX Datasheet
531Kb / 21P
   USB to Serial Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com