Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU6111 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111
Description  SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSU6111 Datasheet HTML 15Page - Texas Instruments TSU6111 Datasheet HTML 16Page - Texas Instruments TSU6111 Datasheet HTML 17Page - Texas Instruments TSU6111 Datasheet HTML 18Page - Texas Instruments TSU6111 Datasheet HTML 19Page - Texas Instruments TSU6111 Datasheet HTML 20Page - Texas Instruments TSU6111 Datasheet HTML 21Page - Texas Instruments TSU6111 Datasheet HTML 22Page - Texas Instruments TSU6111 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TSU6111
www.ti.com
SCDS325
– SEPTEMBER 2011
Button 2
Address: 0Dh
Reset Value:x0000000
Type: Read and Clear
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0
Send_End
1
Number 8 key is pressed
1
1
1
Number 9 key is pressed
2
2
1
Number 10 key is pressed
3
3
1
Number 11 key is pressed
4
4
1
Number 12 key is pressed
5
5
1
Error key is pressed
6
6
1
Unknown key is pressed
7
7
1
Manual S/W 1
Address: 13h
Reset Value: 000000xx
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0-1
Unused
2
2-4
D+ Switching
3
000: Open all switch
001: D+ is connected to D+ of USB port
010: Open all switch
011: D+ is connected to RxD of UART
5-7
D
– Switching
3
000: Open all switch
001: D
– is connected to D– of USB port
010: Open all switch
011: D
– is connected to TxD of UART
Manual S/W 2
Address: 14h
Reset Value: xxxx00xx
Type: Read/Write
BIT NO.
NAME
SIZE (BITS)
DESCRIPTION
0-1
Unused
2
2
JIG
1
TSU6111:
0: High Impedance
1: GND
3
BOOT
1
0: Low
1: High
4-7
Unused
4
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TSU6111


Similar Part No. - TSU6111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
TSU6111ARSVR TI1-TSU6111ARSVR Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
TSU6111RSVR TI1-TSU6111RSVR Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
More results

Similar Description - TSU6111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
[Old version datasheet]   SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
FSA9280A FAIRCHILD-FSA9280A Datasheet
375Kb / 3P
   USB 2.0 Accessory Detection Switch with 28V FET
logo
ON Semiconductor
ENA2222 ONSEMI-ENA2222 Datasheet
325Kb / 15P
   5:1 Micro USB Switch
October, 2013 Ver. 1.0
ENA2221 ONSEMI-ENA2221 Datasheet
343Kb / 14P
   4:1 Micro USB Switch
October, 2013 Ver. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com