Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89C58-33-AC-TQI Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST89C58-33-AC-TQI
Description  FlashFlex51 MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C58-33-AC-TQI Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST89C58-33-AC-TQI Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89C58-33-AC-TQI Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL BLOCKS
RST
VSS
VDD
ALE/PROG#
PSEN#
EA#
XTAL1 XTAL2
SuperFlash
EEPROM
4K x 8
Program/Erase
& IAP
Control
SuperFlash EEPROM
16/32K x 8
CPU
Port 0
8
I/O
8
I/O
8
I/O
8
I/O
Port 1
Power Mode
Management
Bus Controller
T0
T1
T2
WDT
8-bit
UART
RAM
256 x 8
Interrupt
Control
SFRs
Security
Lock
Mode
Control
Oscillator
&
Timing
Port 2
Port 3
344 ILL B1.1


Similar Part No. - SST89C58-33-AC-TQI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89C58-33-AC-TQI SST-SST89C58-33-AC-TQI Datasheet
3Mb / 45P
   FlashFlex51 MCU
More results

Similar Description - SST89C58-33-AC-TQI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com