Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21072MUV Datasheet(PDF) 2 Page - Rohm

Part # BU21072MUV
Description  Capacitive Switch Controller ICs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21072MUV Datasheet(HTML) 2 Page - Rohm

  BU21072MUV Datasheet HTML 1Page - Rohm BU21072MUV Datasheet HTML 2Page - Rohm BU21072MUV Datasheet HTML 3Page - Rohm BU21072MUV Datasheet HTML 4Page - Rohm BU21072MUV Datasheet HTML 5Page - Rohm BU21072MUV Datasheet HTML 6Page - Rohm BU21072MUV Datasheet HTML 7Page - Rohm BU21072MUV Datasheet HTML 8Page - Rohm BU21072MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/14
Datasheet
Datasheet
BU21072MUV / BU21078MUV
TSZ02201-0Y2Y0FZ00020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
12.Mar.2012 Rev.001
www.rohm.com
TSZ22111・15・001
Overview
BU21072MUV/BU21078MUV is a capacitive sensor controller for switch operation.
Included blocks are AFE (Analog Front End) detecting capacitance, A/D converter, MPU, LED ports with PWM function,
2-wire serial bus interface compatible with I2C protocol, power-on-reset, oscillator. Operate with a 3.0 to 3.6V single power
supply.
The results that detected switch operations (Touch/Release/Hold) are held to each register. An interrupt is send from INT
port to the host when a register is updated by detected operations. If external noise and temperature drift are detected, run
automatic self-calibration. Without periodical polling, offer the reduction of the host load.
LED ports are able to be applied PWM function. PWM function offers fade-in / fade-out brightness control.
●Simple switch
One sensor is assigned to one switch. Each simple switch has the registers of detected Touch/Release/Hold operations.
Simple switches support to multi-detect Touch/Release/Hold. Unused simple switches are maskable.
●Matrix switches
The cross points of the sensors which are arranged in a matrix are able to assigned to individual switches. Each matrix
switch has the registers of detected Touch/Release/Hold operations. Matrix switches do not support to multi-detect
Touch/Release/Hold. Not used matrix switches are maskable. BU21072MUV supports 16 matrix switches configured by
4x4 sensors, and BU21078MUV supports 36 matrix switches configured by 6x6 sensors.
●Automatic self-calibration
BU21072MUV/BU21078MUV has observed the situation surrounding the sensor based on the detection result. If external
noise and temperature drift are detected, the automatic self-calibration is operated for the stable detection result.
●LED controller with PWM timers
LED controller is High active. Each LED port is assigned to a choice of four PWM timers. If the situation surrounding the
sensor is changed by the switching LED, it is useable that calibration is operated by sending LED control command.
●Host interface
BU21072MUV/BU21078MUV is slave device for the host device. 2-wire serial bus is compatible with I2C protocol.
Slave Address : 0x5C(BU21072MUV) , 0x5D(BU21078MUV)
Pin Configurations
Fig.2 Pin configuration of BU21072MUV
Fig.3 Pin configuration of BU21078MUV


Similar Part No. - BU21072MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
More results

Similar Description - BU21072MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com