Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB2415LT-1W Datasheet(PDF) 1 Page - Crystek Corporation

Part # IB2415LT-1W
Description  1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

IB2415LT-1W Datasheet(HTML) 1 Page - Crystek Corporation

  IB2415LT-1W Datasheet HTML 1Page - Crystek Corporation IB2415LT-1W Datasheet HTML 2Page - Crystek Corporation IB2415LT-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
IB_LT-1W
B/1-2010
Page 1 of 3
IB_LT-1W Series
1W, FIXED INPUT, ISOLATED & REGULATED
SINGLE OUTPUT SMD DC-DC CONVERTER
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
IB0505LT-W75
5
150
15
69
IB0509LT-1W
9
111
12
70
IB0512LT-1W
12
83
9
71
IB0515LT-1W
5
4.75-5.25
15
67
7
72
IB1205LT-W75
5
150
15
69
IB1212LT-1W
12
83
9
71
IB1215LT-1W
12
11.4-12.6
15
67
7
72
IB1505LT-W75 *
5
150
15
69
IB1509LT-1W *
9
111
12
70
IB1512LT-1W *
12
83
9
71
IB1515LT-1W
15
14.25-15.75
15
67
7
72
IB2405LT-W75
5
150
15
69
IB2409LT-1W *
9
111
12
70
IB2412LT-1W
12
83
9
71
IB2415LT-1W
24
22.8-25.2
15
67
7
72
*Designing
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
260
°C
Cooling
Free air convection
Short circuit protection
Continuous
Package material
Epoxy Resin (UL94-V0)
MTBF
3500
k hours
Weight
2.9
g
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
70
pF
FEATURES
● Small Footprint
● SMD Package
● 1kVDC Isolation
● Temperature Range: -40
°C ~ +85°C
● Internal SMD Construction
● Short Circuit Protection
● No Heatsink Required
● No External Component Required
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The IB_LT-1W series are specially designed for
applications where a group of polar power supplies
are isolated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±5%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage and
the output ripple noise are not demanding.
MODEL SELECTION
IB0512LT-1W
Rat ed Power
Package Style
Ou tput Voltage
I nput Volt age
Produc t Ser ies
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - IB2415LT-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IB2415LT-1W MORNSUN-IB2415LT-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT SMD DC-DC CONVERTER
More results

Similar Description - IB2415LT-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T14A GAPTEC-1T14A Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated & Unregulated
logo
Microdc power Technolog...
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com