Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB0515LT-1W Datasheet(PDF) 3 Page - Crystek Corporation

Part # IB0515LT-1W
Description  1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

IB0515LT-1W Datasheet(HTML) 3 Page - Crystek Corporation

  IB0515LT-1W Datasheet HTML 1Page - Crystek Corporation IB0515LT-1W Datasheet HTML 2Page - Crystek Corporation IB0515LT-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
IB_LT-1W
B/1-2010
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
2
6
7
V in
GND
0V
+ Vo
5.75 [0.226]
17.78 [0.700]
21.20 [0.835]
7.30 [0.287]
0.60 [0.024]
2.00 [0.079]
1.75 [0.069]
0.50[0.020]
6.80[0.268]
37.40 [1.472]
9
10
1 3 12
5
3
12
8
6
1.50[0.059]
21.50 [0.846]
13.00 [0.512]
6.00 [0.236]
2.54 [0.100]
15.24 [0.600]
0.60 [0.024]
7
14
2.54 [0.100]
1.00 [0.039]
2.54 [0.100]
2.10 [0.083]
NC
14.00 [0.551]
8.60 [0.339]
7.10 [0.280]
1.50[0.059]
4.00 [0.157]
18.00[0.709]
14.20[0.559]
24.00[0.945]
F OOTP R I N T D E TA ILS
P in
N C :N o C onnec t ion
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
Note:
Unit: mm[inch]
Pin section tolerances:
0.10mm[ 0.004inch]
General tolerances: 0.25mm[ 0.010inch]
Note:
Unit: mm[inch]
General tolerances:
0.5mm[ 0.020inch]
L=530mm[20.866inch]
: 28pcs
L=220mm[8.661inch]
: 10pcs
Devices per tube quantity
Devices per tube quantity
REEL PACKING OUTLINE DIMENSIONS
Note:
Unit: mm[inch]
General tolerances: 0.5mm[ 0.020inch]
Devices per reel quantity: 400pcs
RECOMMENDED FOOTPRINT
( Sid e V ie w)
( To p Vie w)
Taping dimension:
Taping reel dimension:
Others
Func t i on
9
10
1 3 12
5
3
1
2
8
6
7
14
100.00 [3.937]
12.22 [0.481]
0.25 [0.010]
1.30 [0.051]
5 max
A
A
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the life
of product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - IB0515LT-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IB0515LT-1W MORNSUN-IB0515LT-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT SMD DC-DC CONVERTER
More results

Similar Description - IB0515LT-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T14A GAPTEC-1T14A Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated & Unregulated
logo
Microdc power Technolog...
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com