Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21023GUL Datasheet(PDF) 2 Page - Rohm

Part # BU21023GUL
Description  Resistive Type Touch Screen Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21023GUL Datasheet(HTML) 2 Page - Rohm

  BU21023GUL Datasheet HTML 1Page - Rohm BU21023GUL Datasheet HTML 2Page - Rohm BU21023GUL Datasheet HTML 3Page - Rohm BU21023GUL Datasheet HTML 4Page - Rohm BU21023GUL Datasheet HTML 5Page - Rohm BU21023GUL Datasheet HTML 6Page - Rohm BU21023GUL Datasheet HTML 7Page - Rohm BU21023GUL Datasheet HTML 8Page - Rohm BU21023GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BU21023GUL,BU21023MUV,BU21024FV-M
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Condition
Power supply voltage
VDD
-0.3 ~ 4.5
V
Input voltage
VIN
VSS-0.3 ~ VDD+0.3
V
Power dissipation
BU21023GUL
Pd
830
*1
mW
BU21023MUV
704
*2
mW
BU21024FV-M
850
*3
mW
Storage temperature range
Tstg
-50 ~ 125
*1 Derate by 7.04 mW /℃ centigrade when ambient temperature exceeds 25℃. Measured using Epoxy-Glass PCB measuring 50x58x1.75 mm
*2 Derate by 8.30mW /℃ centigrade when ambient temperature exceeds 25℃. Measured using Epoxy-Glass PCB measuring 50x58x1.75mm
*3 Derate by 8.50mW /℃ centigrade when ambient temperature exceeds 25℃. Measured using Epoxy-Glass PCB measuring 50x58x1.75mm
Recommended Operating Conditions
Parameter
Symbol
Ratings
Unit
Condition
Min.
Typ.
Max.
Power supply voltage
VDD
2.70
3.00
3.60
V
Digital core power supply
DVDD
1.62
1.80
1.98
V
DVDD_EXT=H
Operating
temperature range
BU21023GUL
BU21023MUV
Topr
-20
25
85
BU21024FV-M
-40
25
85
Note: The BU21023/BU21024 controllers can be operated with a single 3V VDD supply.
It is also possible to supply 1.8V DVDD from an external source if the DVDD_EXT pin is connected to logic high.
Electrical Characteristics (Ta=25℃, VDD=3.00V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Low-level input voltage
VIL
VSS-0.5
-
0.2×VDD
V
High-level input voltage
VIH
0.8×VDD
-
VDD+0.5
V
Low-level output voltage
VOL
-
-
VSS+0.4
V
High-level output voltage
VOH
VDD-0.4
-
-
V
Standby current
Ist
-
-
1
µA
RSTB=L
Sleep current1
Icc1
-
60
100
µA
DVDD_EXT=L
Sleep current2
Icc2
-
10
20
µA
DVDD_EXT=H
Operating current
Idd
-
4
6
mA
No load
Oscillation frequency
Freq
18
20
22
MHz
Resolution
Ad
1024×1024
Bit
Differential non-linearity error
DNL
-3.0
-
+3.0
LSB
Integral non-linearity error
INL
-3.0
-
+3.0
LSB


Similar Part No. - BU21023GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21023GUL-E2 ROHM-BU21023GUL-E2 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21023GUL-ME2 ROHM-BU21023GUL-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Similar Description - BU21023GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL_11 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com