Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSW-105-22-F-DVS-K Datasheet(PDF) 10 Page - Texas Instruments

Part No. SSW-105-22-F-DVS-K
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SSW-105-22-F-DVS-K Datasheet(HTML) 10 Page - Texas Instruments

Back Button SSW-105-22-F-DVS-K Datasheet HTML 6Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 7Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 8Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 9Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 10Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 11Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 12Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 13Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADS7953EVM-PDK Kit Operation
www.ti.com
7.3.1
Connecting an AC Adapter
An ac adapter can be connected to barrel jack J2 on the MMB0. J2 is located next to the USB connector.
The adapter must output 6V-7V dc. The connector must be sleeve-negative, tip-positive. It should have a
current rating of at least 2A.
Jumper J12 on the MMB0 connects a wall-mounted power supply to the board. To use the wall-mount
supply, J12 must be shorted. Figure 4 illustrates how to connect an ac adapter to the MMB0.
Figure 4. Connecting an AC Adapter
7.3.2
Connecting a Laboratory Power Supply
A laboratory power supply can be connected through terminal block J14 on the MMB0, as shown in
Figure 5.
To use a unipolar lab power supply configuration:
Disconnect J12 on the MMB0.
Connect a +5V dc supply to the +5VD terminal on J14.
Connect ground of the dc supply to the GND terminal on J14.
It is not necessary to connect a +5V dc supply voltage to the +5VA terminal on J14 if the +5V/+5VA
position on J13 is shorted.
10
ADS79xxEVM and ADS79xxEVM-PDK
SLAU262C
– January 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn