Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSW-105-22-F-DVS-K Datasheet(PDF) 8 Page - Texas Instruments

Part No. SSW-105-22-F-DVS-K
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SSW-105-22-F-DVS-K Datasheet(HTML) 8 Page - Texas Instruments

Back Button SSW-105-22-F-DVS-K Datasheet HTML 4Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 5Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 6Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 7Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 8Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 9Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 10Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 11Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADS7953EVM-PDK Kit Operation
www.ti.com
7
ADS7953EVM-PDK Kit Operation
This section provides information on using the ADS7953EVM-PDK, including setup, program installation,
and program usage.
To prepare to evaluate the ADS7953 with the ADS7953EVM-PDK, complete the following steps:
Step 1. Install the ADCPro software (if not already installed) on a PC.
Step 2. Install the ADS7953EVM-PDK EVM plug-in software.
Step 3. Set up the ADS7953EVM-PDK.
Step 4. Connect a proper power supply or use the included AC adapter.
Step 5. Complete the NI-VISA USB driver installation process.
Step 6. Run the ADCPro software.
Step 7. Complete the Microsoft Windows USB driver installation process.
Each task is described in the subsequent sections of this document.
7.1
Installing the ADCPro Software
CAUTION
Do not connect the ADS7953EVM-PDK before installing the software on a
suitable PC. Failure to observe this caution may cause Microsoft Windows to
not recognize the ADS7953EVM-PDK.
The latest software is available from the TI website at http://www.ti.com/. The ADCPro installer will check
for updates when executed (if connected to the Internet), and then gives the option of downloading and
installing the latest version. See the ADCPro Analog-to-Digital Converter Evalutation Software Users
Guide for instructions on installing and using ADCPro.
To install the ADS7953EVM-PDK plug-in, run the file: ads7953evm-pdk-plugin-1.1.0.exe (1.1.0 is the
version number, and increments with software version releases). Double-click the file to run it; then follow
the instructions shown. Also, use the ADCPro Update Check feature to check for newer versions of the
ADS7953EVM-PDK plug-in, once one version has been installed.
The software should now be installed, but the USB drivers may not have been loaded by the PC operating
system. This step will complete when the ADCPro software is executed.
7.2
Setting Up the ADS7953EVM-PDK
The ADS7953EVM-PDK contains both the ADS7953EVM and the MMB0 motherboard; however, the
devices are shipped unconnected. Follow these steps to set up the ADS7953EVM-PDK:
Step 1. Unpack the ADS7953EVM-PDK kit.
Step 2. Set the jumpers and switches on the MMB0 as shown in Figure 3.
Set the Boot Mode switch to USB.
Connect +5V and +5VA on jumper block J13 (if +5V is supplied from J14 +5VA).
Leave +5V and +VA disconnected on jumper block J13.
If the PDK will be powered from an ac adapter, connect J12. If the PDK will be powered through the
terminal block, disconnect J12 (see Section 7.3 of this document for additional power supply
connection details).
8
ADS79xxEVM and ADS79xxEVM-PDK
SLAU262C
– January 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn