Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E0512T-1W Datasheet(PDF) 1 Page - Crystek Corporation

Part # E0512T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

E0512T-1W Datasheet(HTML) 1 Page - Crystek Corporation

  E0512T-1W Datasheet HTML 1Page - Crystek Corporation E0512T-1W Datasheet HTML 2Page - Crystek Corporation E0512T-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
E_T-1W&F_T-1W
B/0-2010
Page 1 of 3
E_T-1W & F_T-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
Certificate
F0303T-1W
3.3
304
30
73
F0305T-1W
5
200
20
75
E0305T-1W
±5
±100
±10
68
E0312T-1W
3.3
3.0-3.6
±12
±42
±5
77
F0505T-1W
5
200
20
70
UL
F0509T-1W
9
110
11
76
UL
F0512T-1W
12
84
9
78
UL
F0515T-1W
15
66
7
79
UL
E0505T-1W
±5
±100
±10
71
UL
E0509T-1W
±9
±55
±6
77
UL
E0512T-1W
±12
±42
±5
78
UL
E0515T-1W
5
4.5-5.5
±15
±33
±4
79
UL
F1203T-1W
3.3
303
30
70
F1205T-1W
5
200
20
69
UL
F1209T-1W
9
110
11
73
UL
F1212T-1W
12
84
9
73
UL
F1215T-1W
15
66
7
74
UL
E1205T-1W
±5
±100
±10
71
UL
E1209T-1W
±9
±55
±6
73
UL
E1212T-1W
±12
±42
±5
74
UL
E1215T-1W
12
10.8-13.2
±15
±33
±4
75
UL
F2405T-1W
5
200
20
69
F2412T-1W
12
84
9
77
F2415T-1W
15
66
7
74
F2424T-1W
24
42
5
76
E2405T-1W
±5
±100
±10
70
E2412T-1W
±12
±42
±5
77
E2424T-1W
24
21.6-26.4
±24
±21
±3
79
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
260
°C
Cooling
Free air convection
Package material
Epoxy Resin(UL94-V0)
Short circuit protection*
1
s
MTBF
3500
k hours
Weight
1.71
g
FEATURES
● Small Footprint
● SMD Package Style
● 3kVDC Isolation
● Temperature Range: -40°C ~ +85°C
● No Heatsink Required
● Industry Standard Pinout
● Internal SMD construction
● No External Component Required
● RoHS Compliance
APPLICATIONS
The E_T-1W & F_T-1W series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board. These products apply to:
1) Where the voltage of the input power supply is
fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage and
the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power device
driving circuits.
MODEL SELECTION
F0505T-1W
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - E0512T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E0512T-1W MORNSUN-E0512T-1W Datasheet
159Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - E0512T-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-4UP GAPTEC-1S7B-4UP Datasheet
696Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3U GAPTEC-1T10A-3U Datasheet
1Mb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6UP GAPTEC-1S7B-6UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com