Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST28VF040A-90-4C-EH Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST28VF040A-90-4C-EH
Description  4 Mbit (512K x8) SuperFlash EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28VF040A-90-4C-EH Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST28VF040A-90-4C-EH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2001 Silicon Storage Technology, Inc.
S71077-04-000
6/01
310
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
SSF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A / SST28VF040A
FEATURES:
Single Voltage Read and Write Operations
– 5.0V-only for SST28SF040A
– 2.7-3.6V for SST28VF040A
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Memory Organization: 512K x8
Sector-Erase Capability: 256 Bytes per Sector
Low Power Consumption
– Active Current: 15 mA (typical) for 5.0V and
10 mA (typical) for 2.7-3.6V
– Standby Current: 5 µA (typical)
Fast Sector-Erase/Byte-Program Operation
– Byte-Program Time: 35 µs (typical)
– Sector-Erase Time: 2 ms (typical)
– Complete Memory Rewrite: 20 sec (typical)
Fast Read Access Time
– 5.0V-only operation: 90 and 120 ns
– 2.7-3.6V operation: 150 and 200 ns
Latched Address and Data
Hardware and Software Data Protection
– 7-Read-Cycle-Sequence Software Data
Protection
End-of-Write Detection
– Toggle Bit
– Data# Polling
TTL I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm and 8mm x 20mm)
– 32-pin PDIP
PRODUCT DESCRIPTION
The SST28SF/VF040A are 512K x8 bit CMOS Sector-
Erase, Byte-Program EEPROMs. The SST28SF/VF040A
are manufactured using SST’s proprietary, high perfor-
mance CMOS SuperFlash EEPROM Technology. The
split-gate cell design and thick oxide tunneling injector
attain better reliability and manufacturability compared with
alternative approaches. The SST28SF/VF040A erase and
program with a single power supply. The SST28SF/
VF040A conform to JEDEC standard pinouts for byte wide
memories and are compatible with existing industry stan-
dard flash EEPROM pinouts.
Featuring high performance programming, the SST28SF/
VF040A typically Byte-Program in 35 µs. The SST28SF/
VF040A typically Sector-Erase in 2 ms. Both Program and
Erase times can be optimized using interface features such
as Toggle bit or Data# Polling to indicate the completion of
the Write cycle. To protect against an inadvertent write, the
SST28SF/VF040A have on chip hardware and Software
Data Protection schemes. Designed, manufactured, and
tested for a wide spectrum of applications, the SST28SF/
VF040A are offered with a guaranteed sector endurance of
10,000 cycles. Data retention is rated greater than 100
years.
The SST28SF/VF040A are best suited for applications that
require reprogrammable nonvolatile mass storage of pro-
gram, configuration, or data memory. For all system appli-
cations,
the
SST28SF/VF040A
significantly
improve
performance and reliability, while lowering power consump-
tion when compared with floppy diskettes or EPROM
approaches. Flash EEPROM technology makes possible
convenient and economical updating of codes and control
programs on-line. The SST28SF/VF040A improve flexibil-
ity, while lowering the cost of program and configuration
storage application.
The functional block diagram shows the functional blocks of
the SST28SF/VF040A. Figures 1, 2, and 3 show the pin
assignments for the 32-lead PLCC, 32-lead TSOP, and 32-
pin PDIP packages. Pin descriptions and operation modes
are described in Tables 2 through 5.
Device Operation
Commands are used to initiate the memory operation func-
tions of the device. Commands are written to the device
using standard microprocessor write sequences. A com-
mand is written by asserting WE# low while keeping CE#
low. The address bus is latched on the falling edge of WE#
or CE#, whichever occurs last. The data bus is latched on
the rising edge of WE# or CE#, whichever occurs first.
Note, during the Software Data Protection sequence the
addresses are latched on the rising edge of OE# or CE#,
whichever occurs first.
SST28SF040A / SST28VF040A5.0 & 2.7 4Mb (x8) Byte-Program, Small Erase Sector flash memories


Similar Part No. - SST28VF040A-90-4C-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28VF040A-150-4C-EH SST-SST28VF040A-150-4C-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-150-4C-NH SST-SST28VF040A-150-4C-NH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-200-4C-EH SST-SST28VF040A-200-4C-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-200-4C-NH SST-SST28VF040A-200-4C-NH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-200-4I-EH SST-SST28VF040A-200-4I-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
More results

Similar Description - SST28VF040A-90-4C-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com