Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D121515T-1W Datasheet(PDF) 1 Page - Crystek Corporation

Part # D121515T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

D121515T-1W Datasheet(HTML) 1 Page - Crystek Corporation

  D121515T-1W Datasheet HTML 1Page - Crystek Corporation D121515T-1W Datasheet HTML 2Page - Crystek Corporation D121515T-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
D_T-1W
B/1-2012
Page 1 of 3
D_T-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
DC-DC CONVERTER
RoHS
FEATURES
SELECTION GUIDE
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%,Typ.)
D050505T-1W
5/5
100/100
10/10
70
D050909T-1W *
9/9
56/56
6/6
75
D051212T-1W
12/12
42/42
4/4
79
D051515T-1W *
5
4.5-5.5
15/15
33/33
3/3
80
D120505T-1W *
5/5
100/100
10/10
72
D120909T-1W *
9/9
56/56
6/6
75
D121212T-1W
12/12
42/42
4/4
78
D121515T-1W
12
10.8-13.2
15/15
33/33
3/3
80
*Designing.
Note: The D_T-W 2/W5 series also are available in our company.
COMMON SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Unit
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
s
Cooling
Free air convection
package material
Epoxy Resin (UL94-V0)
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Unit
Isolation voltage
(Vin/Vout)
Tested for 1 minute and 1mA max
1000
Isolation voltage
(Vo1/Vo2)
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
(Vin/Vout)
Test at 500VDC
1000
Isolation resistance
(Vo1/Vo2)
Test at 500VDC
1000
M
Ω
Isolation capacitance
(Vin/Vout)
60
Isolation capacitance
(Vo1/Vo2)
60
pF
● Efficiency up to 80%
● Twin Independent Output
● Small Footprint
● SMD Package Styles
● Industry Standard Pinout
● No Heatsink Required
● 1kVDC Isolation
● High Power Density
● Temperature Range: -40°C ~ +85°C
● No External Component Required
● Internal SMD construction
● RoHS Compliance
APPLICATIONS
The D_T-1W series are specially designed for
applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board. These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and the output
ripple and noise are not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits and IGBT power
device driven circuits, etc.
PART NUMBER SYSTEM
D050505T-1W
Product Series
Input Voltage
The 1st Output Voltage
Package Style
Rated Power
The 2nd Output Voltage
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - D121515T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D121515T-1W MORNSUN-D121515T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
More results

Similar Description - D121515T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com