Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D051212T-1W Datasheet(PDF) 3 Page - Crystek Corporation

Part # D051212T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

D051212T-1W Datasheet(HTML) 3 Page - Crystek Corporation

  D051212T-1W Datasheet HTML 1Page - Crystek Corporation D051212T-1W Datasheet HTML 2Page - Crystek Corporation D051212T-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
D_T-1W
B/1-2012
Page 3 of 3
OUTLINE DIMENSIONS& RECOMMENDED FOOTPRINT
1
2
5
6
GND
Vin
0 V1
Vo1
Vo2
0 V2
NC
9
NC:No Conne ction
21.50 [0.846]
7.60 [0.299]
2.00 [0.079]
1.75 [0.069]
0.50[0.020]
6.80[0.268]
37.40 [1.472]
FOOTPR INT DETAILS
Pin
Note:
Unit: mm[inch]
Pin section tolerances:
0.10mm[
0.004inch
General tolerances:
0.25mm[
0.010inch]
±±
]
±±
Note:
Unit: mm[inch]
General tolerances:
0.50mm[
0.020inch]
±±
L=530mm[20.866inch] Devices per tube quantity: 28pcs
L=220mm[8.661inch]
Devices per tube quantity: 10pcs
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
REEL PACKING OUTLINE DIMENSIONS
Note:
Unit:
General tolerances: ±±
mm[inch]
0.50mm[
0.020inch]
∅1.50[0.059]
∅21.50 [0.846]
∅13.00 [0.512]
Taping dimension:
Taping reel dimension:
Fun ction
17.78 [0.700]
9
10
1 3 12
5
3
12
8
6
2.54 [0.100]
15.24 [0.600]
0.60 [0.024]
7
14
1.00 [0.039]
2.10 [0.083]
Othe rs
10
14.30 [0.563]
8.30 [0.327]
8.00 [0.315]
∅1.50[0.059]
4.00 [0.157]
18.00[0.709]
14.20[0.559]
24.00 [0.945]
5.75 [0.226]
6.00 [0.236]
()
Front View
9
10
1 3 12
8
14
5
3
1
2
6
7
∅100.00 [3.937]
12.22 [0.481]
0.25 [0.010]
1.30 [0.051]
5 max
A
A
9.80 [0.386]
No te : g r id 2 .54 *2 . 54 m m.
()
Top View
Short tube inner package dimensions: L*W*H= 255*170*80mm
Short tube outer package dimensions(with six inner package boxes):
L*W*H= 375*280*270mm
Long tube inner package dimensions:
L*W*H= 580*200*100mm
Long tube outer package dimensions(with two inner package boxes):
L*W*H= 600*215*220mm
Long tube outer package dimensions(with three inner package boxes):
L*W*H= 600*215*325mm
Per reel of packing quantity:400pcs
Innerpackage cartondimensions:L*W*H=365*350*105mm
Outerpackagecartondimensions:L*W*H=390*360*245mm
Tube Quantity:800pcs
Tube Quantity:1600pcs
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the life
of product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - D051212T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D051212T-1W MORNSUN-D051212T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
More results

Similar Description - D051212T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com