Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSF3223E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3223E
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRSF3223E Datasheet(HTML) 1 Page - Texas Instruments

  TRSF3223E Datasheet HTML 1Page - Texas Instruments TRSF3223E Datasheet HTML 2Page - Texas Instruments TRSF3223E Datasheet HTML 3Page - Texas Instruments TRSF3223E Datasheet HTML 4Page - Texas Instruments TRSF3223E Datasheet HTML 5Page - Texas Instruments TRSF3223E Datasheet HTML 6Page - Texas Instruments TRSF3223E Datasheet HTML 7Page - Texas Instruments TRSF3223E Datasheet HTML 8Page - Texas Instruments TRSF3223E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
1
2
3
4
EN
C1+
V+
C1−
1
2
3
4
5
C1+
C1−
1
2
3
4
C2+
C2−
V−
6 7 8 9 10
1
14
13
12
11
DOUT1
RIN1
15
ROUT1
FORCEON
DIN1
20 19 18 17 16
RGW PACKAGE
(TOP VIEW)
TRSF3223E
www.ti.com
SLLS824A
– AUGUST 2007 – REVISED SEPTEMBER 2011
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
Check for Samples: TRSF3223E
1
FEATURES
ESD Protection for RS-232 Bus Pins
– ±15-kV Human-Body Model (HBM)
– ±8-kV IEC 61000-4-2, Contact Discharge
– ±15-kV IEC 61000-4-2, Air-Gap Discharge
Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
Operates With 3-V to 5.5-V VCC Supply
Operates up to 1000 kbit/s
Two Drivers and Two Receivers
Low Standby Current . . . 1
μA Typ
External Capacitors . . . 4
× 0.1 μF
Accepts 5-V Logic Input With 3.3-V Supply
APPLICATIONS
Battery-Powered Systems
PDAs
Notebooks
Laptops
Palmtop PCs
Hand-Held Equipment
DESCRIPTION/
ORDERING INFORMATION
The TRSF3223E consists of two line drivers, two line
receivers, and a dual charge-pump circuit with
±15-kV
ESD protection pin to pin (serial-port connection pins,
including GND). This device meets the requirements
of TIA/EIA-232-F and provides the electrical interface
between an asynchronous communication controller
and the serial-port connector. The charge pump and
four small external capacitors allow operation from a
single 3-V to 5.5-V supply. The TRSF3223E operates
at typical data signaling rates up to 1000 kbit/s.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2007–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRSF3223E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3223 TI-TRSF3223 Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3223 TI1-TRSF3223 Datasheet
587Kb / 20P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
TRSF3223 TI-TRSF3223 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRSF3223 TI-TRSF3223 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRSF3223E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com