Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370315IRGER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370315IRGER
Description  0.35-GHz TO 4-GHz QUADRATURE MODULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370315IRGER Datasheet(HTML) 3 Page - Texas Instruments

  TRF370315IRGER Datasheet HTML 1Page - Texas Instruments TRF370315IRGER Datasheet HTML 2Page - Texas Instruments TRF370315IRGER Datasheet HTML 3Page - Texas Instruments TRF370315IRGER Datasheet HTML 4Page - Texas Instruments TRF370315IRGER Datasheet HTML 5Page - Texas Instruments TRF370315IRGER Datasheet HTML 6Page - Texas Instruments TRF370315IRGER Datasheet HTML 7Page - Texas Instruments TRF370315IRGER Datasheet HTML 8Page - Texas Instruments TRF370315IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TRF370315
TRF370333
www.ti.com
SLWS184J
– MARCH 2006 – REVISED MAY 2011
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BBIN
22
I
In-phase input
BBIP
21
I
In-phase input
BBQN
9
I
In-quadrature input
BBQP
10
I
In-quadrature input
2, 5, 8,11,
GND
12, 14, 17,
Ground
19, 20, 23
LON
4
I
Local oscillator input
LOP
3
I
Local oscillator input
1, 6, 7, 13,
NC
No connect
15
RF_OUT
16
O
RF output
VCC
18, 24
Power supply
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE(2)
UNIT
Supply voltage range
–0.3 V to 6
V
Digital I/O voltage range
–0.3 V to VI + 0.3
V
TJ
Operating virtual junction temperature range
–40 to 150
°C
TA
Operating ambient temperature range
–40 to 85
°C
Tstg
Storage temperature range
–65 to 150
°C
Human body model (HBM)
75
V
ESD
Electrostatic discharge ratings
Charged device model (CDM)
75
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Power-supply voltage
4.5
5
5.5
V
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUE
UNIT
RθJA
Thermal resistance, junction-to-ambient
High-K board, still air
29.4
°C/W
RθJC
Thermal resistance, junction-to-case
18.6
°C/W
Copyright
© 2006–2011, Texas Instruments Incorporated
3


Similar Part No. - TRF370315IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370315IRGER TI-TRF370315IRGER Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315IRGER TI-TRF370315IRGER Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315IRGER TI-TRF370315IRGER Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315IRGER TI1-TRF370315IRGER Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315IRGER TI1-TRF370315IRGER Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
More results

Similar Description - TRF370315IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370315 TI1-TRF370315 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315 TI1-TRF370315_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com