Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89C58-33-I-TQI Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST89C58-33-I-TQI
Description  FlashFlex51 MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C58-33-I-TQI Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST89C58-33-I-TQI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89C58-33-I-TQI Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Activation and Deactivation of Memory Re-mapping
The actual amount of memory that is re-mapped is
controlled by MAP_EN[1:0] bits as shown in Table 2. The
MAP_EN[1:0] bits are the same bits as SFCF[1:0]. The
MAP_EN[1:0] bits are under software control and can be
changed during program execution. Since changing re-
mapping will cause program re-location, it is advisable
that the instruction that changes the MAP_EN[1:0] be in
the portion of memory that is not affected by the re-
mapping change.
The MAP_EN[1:0] bits are initialized at Reset according
to the contents of two non-volatile register bits, Re-
Map[1:0] (as shown in Table 2). The Re-Map[1:0] bits are
programmed via PROG_RB1 and PROG_RB0 External
Host Mode commands. Refer to External Host Program-
ming Mode section for PROG_RB1 and PROG_RB0
commands.
The contents of MAP_EN[1:0] are only updated accord-
ing to Re-Map[1:0] on a successful reset. Any subse-
quent alteration to the Re-Map[1:0] bits will not automati-
cally change the MAP_EN[1:0] bits without a reset.
Similarly, changes to MAP_EN[1:0] during program ex-
ecution will not change Re-Map[1:0] bits.
To deactivate memory re-mapping, a CHIP-ERASE op-
eration will revert Re-Map[1:0] to the default status of
“11”, disabling re-mapping. Programming 00b to
SFCF[1:0] register also deactivates memory re-map-
ping. The effect of programming Re-Map[1:0] is available
only after the next reset. Refer to In-Application Mode
Commands section for more detailed information.
TABLE 2: RE-MAPPING TABLE
Re-Map [1:0]1
MAP_EN2,3
Comments
11
00
Re-mapping is turned off. Program memory is in normal
configuration.
10
01
1 KByte of flash memory location is re-mapped. Program access
to location 0000h-03FFh is redirected to F000h – F3FFh.
01
10
2 KBytes of flash memory location are re-mapped. Program access
to location 0000h-07FFh is redirected to F000h – F7FFh.
00
11
4 KBytes of flash memory location is re-mapped. Program access
to location 0000h-0FFFh is redirected to F000h – FFFFh.
1 Re-Map[1:0] are nonvolatile registers which are examined only during Reset.
2 MAP_EN[1:0] are initialized according to Re-Map[1:0] during Reset.
3 MAP_EN[1:0] are located in SFCF[1:0], they determine the Re-Mapping configuration. They may be changed by the program at run time.
344 PGM T2.3


Similar Part No. - SST89C58-33-I-TQI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89C58-33-I-TQI SST-SST89C58-33-I-TQI Datasheet
3Mb / 45P
   FlashFlex51 MCU
More results

Similar Description - SST89C58-33-I-TQI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com