Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29LF010-120-4C-WH Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST29LF010-120-4C-WH
Description  2 Mbit (256K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LF010-120-4C-WH Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST29LF010-120-4C-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29LF010-120-4C-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
TABLE
5: DC OPERATING CHARACTERISTICS VDD = 5.0V±10% FOR SST29EE020
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
Read
30
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Write
50
mA
CE#=WE#=VIL, OE#=VIH, VDD=VDD Max
ISB1
Standby VDD Current
(TTL input)
3
mA
CE#=OE#=WE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current
(CMOS input)
50
µA
CE#=OE#=WE#=VDD-0.3V, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=2.1 mA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-400 µA, VDD=VDD Min
T5.2 307
TABLE
6: DC OPERATING CHARACTERISTICS VDD = 3.0-3.6V FOR SST29LE020 AND 2.7-3.0V FOR SST29VE020
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
Read
12
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Write
15
mA
CE#=WE#=VIL, OE#=VIH, VDD=VDD Max
ISB1
Standby VDD Current
(TTL input)
1
mA
CE#=OE#=WE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current
(CMOS input)
15
µA
CE#=OE#=WE#=VDD-0.3V, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-100 µA, VDD=VDD Min
T6.2 307


Similar Part No. - SST29LF010-120-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Similar Description - SST29LF010-120-4C-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com