Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM60013FV-CE2 Datasheet(PDF) 28 Page - Rohm

Part # BM60013FV-CE2
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60013FV-CE2 Datasheet(HTML) 28 Page - Rohm

Back Button BM60013FV-CE2 Datasheet HTML 24Page - Rohm BM60013FV-CE2 Datasheet HTML 25Page - Rohm BM60013FV-CE2 Datasheet HTML 26Page - Rohm BM60013FV-CE2 Datasheet HTML 27Page - Rohm BM60013FV-CE2 Datasheet HTML 28Page - Rohm BM60013FV-CE2 Datasheet HTML 29Page - Rohm BM60013FV-CE2 Datasheet HTML 30Page - Rohm BM60013FV-CE2 Datasheet HTML 31Page - Rohm BM60013FV-CE2 Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28/30
Datasheet
Datasheet
BM60013FV-C
TSZ02201-0717ABH00020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
29.May.2012 Rev.002
www.rohm.com
TSZ22111・15・001
Operational Notes
(1) Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc.,
can break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open
circuit. If any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection
devices, such as fuses.
(2) Connecting the power supply connector backward
Connecting of the power supply in reverse polarity can damage IC. Take precautions when connecting the power
supply lines. An external direction diode can be added.
(3) Power supply Lines
Design PCB layout pattern to provide low impedance GND and supply lines. To obtain a low noise ground and supply
line, separate the ground section and supply lines of the digital and analog blocks. Furthermore, for all power supply
terminals to ICs, connect a capacitor between the power supply and the GND terminal. When applying electrolytic
capacitors in the circuit, not that capacitance characteristic values are reduced at low temperatures.
(4) GND Potential
The potential of GND1 pin must be minimum potential in all operating conditions. (Input side ; 11pin to 20pin)
The potential of VEE2 pin must be minimum potential in all operating conditions. (Output side ; 1pin to 10pin)
(5) Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
(6) Inter-pin shorts and mounting errors
When attaching to a printed circuit board, pay close attention to the direction of the IC and displacement. Improper
attachment may lead to destruction of the IC. There is also possibility of destruction from short circuits which can be
caused by foreign matter entering between outputs or an output and the power supply or GND.
(7) Operation in a strong electric field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to
malfunction.
(8) Inspection of the application board
During inspection of the application board, if a capacitor is connected to a pin with low impedance there is a possibility
that it could cause stress to the IC, therefore an electrical discharge should be performed after each process. Also, as a
measure again electrostatic discharge, it should be earthed during the assembly process and special care should be
taken during transport or storage. Furthermore, when connecting to the jig during the inspection process, the power
supply should first be turned off and then removed before the inspection.
(9) Input terminal of IC
Between each element there is a P+ isolation for element partition and a P substrate. This P layer and each element’s
N layer make up the P-N junction, and various parasitic elements are made up.
For example, when the resistance and transistor are connected to the terminal as shown in figure 61,
When GND>(Terminal A) at the resistance and GND>(Terminal B) at the transistor (NPN), the P-N
junction operates as a parasitic diode.
Also, when GND>(Terminal B) at the transistor (NPN), The parasitic NPN transistor operates with the
N layers of other elements close to the aforementioned parasitic diode.
Because of the IC’s structure, the creation of parasitic elements is inevitable from the electrical potential relationship. The
operation of parasitic elements causes interference in circuit operation, and can lead to malfunction and destruction. Therefore,
be careful not to use it in a way which causes the parasitic elements to operate, such as by applying voltage that is lower than
the GND (P substrate) to the input terminal.
(10) Ground Wiring Patterns
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns,
placing a single ground point at the application's reference point so that the pattern wiring resistance and voltage
variations caused by large currents do not cause variations in the small signal ground voltage. Be careful not to change
the GND wiring pattern potential of any external components, either.
Status of this document
The Japanese version of this document is formal specification. A customer may use this translation version only for a
reference to help reading the formal version.
If there are any differences in translation version of this document formal version takes priority
Figure 61. Pattern Diagram of Parasitic Element
Resistor
Transistor(NPN)
N
N
N
P
+
P
+
P
P substrate
GND
Parasitic
element
Terminal A
N
N
P
+
P
+
P
P substrate
GND
Parasitic
element
Terminal B
C
B
E
N
GND
Terminal A
Parasitic
element
Terminal B
Other adjacent elements
E
B
C
GND
Parasitic
element


Similar Part No. - BM60013FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
2Mb / 30P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C_15 Datasheet
2Mb / 30P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-E2 ROHM-BM60014FV-E2 Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60013FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com