Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST58SD032-70-C-P1H Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST58SD032-70-C-P1H
Description  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SD032-70-C-P1H Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST58SD032-70-C-P1H Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
11
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
2.3.3 Input Characteristics
2.3.4 Output Drive Type
All output drive type are CMOS level.
2.3.5 Output Drive Characteristics
Type
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
VDD = 3.3V
VDD = 5.0V
1
Input Voltage
VIH
2.4
2.4
Volts
CMOS
VIL
0.6
0.8
2
Input Voltage
VIH
2.0
2.7
Volts
CMOS
VIL
0.8
0.8
3
Input Voltage
VTH
2.0
2.4
Volts
CMOS
VTL
0.5
0.8
Schmitt Trigger
4
Input Voltage
VTH
1.8
2.4
Volts
CMOS Schmitt Trigger
VTL
0.9
0.8
Type
Parameter
Symbol
Conditions
Min
Typ
Max
Units
O1
Output Voltage
VOH
IOH = -4 mA
VDD
-0.8V
Volts
VOL
IOL = 4 mA
Gnd
+0.4V
O2
Output Voltage
VOH
IOH = -8 mA
VDD
-0.8V
Volts
VOL
IOL = 8 mA
Gnd
+0.4V


Similar Part No. - SST58SD032-70-C-P1H

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FRI SST-SST58SM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FRJ SST-SST58SM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FSI SST-SST58SM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FSJ SST-SST58SM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Similar Description - SST58SD032-70-C-P1H

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com