Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF100-70-4C-B3K Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST39VF100-70-4C-B3K
Description  1 Mbit (64K x16) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF100-70-4C-B3K Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST39VF100-70-4C-B3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF100-70-4C-B3K Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Data Sheet
1 Mbit Multi-Purpose Flash
SST39LF100 / SST39VF100
©2001 Silicon Storage Technology, Inc.
S71129-02-000
6/01
363
AC CHARACTERISTICS
TABLE
9: READ CYCLE TIMING PARAMETERS VDD = 3.0-3.6V FOR SST39LF100 AND 2.7-3.6V FOR SST39VF100
Symbol
Parameter
SST39LF100-35
SST39VF100-70
Units
MinMax
MinMax
TRC
Read Cycle Time
45
70
ns
TCE
Chip Enable Access Time
45
70
ns
TAA
Address Access Time
45
70
ns
TOE
Output Enable Access Time
20
35
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
15
20
ns
TOHZ1
OE# High to High-Z Output
15
20
ns
TOH1
Output Hold from Address Change
0
0
ns
T9.3 363
TABLE 10: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Word-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
30
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
100
ms
T10.1 363


Similar Part No. - SST39VF100-70-4C-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF160 SST-SST39VF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39VF160 SST-SST39VF160 Datasheet
252Kb / 23P
   16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160-55-4C-B3K SST-SST39VF160-55-4C-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39VF160-55-4C-EK SST-SST39VF160-55-4C-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39VF160-55-4I-B3K SST-SST39VF160-55-4I-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39VF100-70-4C-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com