Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR2290V65 Datasheet(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DCR2290V65
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DCR2290V65 Datasheet(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DCR2290V65 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR2290V65 Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
2000
4000
6000
8000
Mean on-state current, IT(AV) - (A)
d.c.
180
120
90
60
30
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
1000
2000
3000
4000
5000
6000
Mean on-state current, IT(AV) - (A)
d.c.
180
120
90
60
30
Fig.7 Maximum permissible case temperature,
double side cooled
– rectangular wave
Fig.8 Maximum permissible heatsink temperature,
double side cooled
– rectangular wave
0
2
4
6
8
10
12
14
16
18
20
0.001
0.01
0.1
1
10
100
Time ( s )
Double Side
Cooling
Anode Side
Cooling
Cathode
Sided Cooling
1
2
3
4
Double side cooled
Ri (°C/kW)
0.9206
1.8299
3.4022
1.3044
Ti (s)
0.0076807
0.0579454
0.4078613
1.2085
Anode side cooled
Ri (°C/kW)
0.9032
1.6719
3.0101
7.4269
Ti (s)
0.0075871
0.0536531
0.3144537
5.624
Cathode side cooled
Ri (°C/kW)
0.9478
2.0661
1.6884
13.0847
Ti (s)
0.0078442
0.0645541
0.3894389
4.1447
Zth =
 [Ri x ( 1-exp. (t/ti))]
[1]
R
th(j-c) Conduction
Tables show the increments of thermal resistance Rth(j-c) when the device
operates at conduction angles other than d.c.
Double side cooling
Anode Side Cooling
Cathode Sided Cooling
Zth (z)
Zth (z)
Zth (z)
°
sine.
rect.
°
sine.
rect.
°
sine.
rect.
180
1.34
0.88
180
1.34
0.88
180
1.33
0.88
120
1.57
1.30
120
1.57
1.30
120
1.57
1.29
90
1.83
1.54
90
1.84
1.54
90
1.83
1.53
60
2.08
1.81
60
2.08
1.81
60
2.07
1.80
30
2.27
2.11
30
2.28
2.11
30
2.26
2.10
15
2.36
2.28
15
2.37
2.28
15
2.35
2.26
Fig.9 Maximum (limit) transient thermal impedance
– junction to case (°C/kW)
DCR3030V42
Phase Control Thyristor


Similar Part No. - DCR2290V65

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR2290V65 DYNEX-DCR2290V65 Datasheet
396Kb / 10P
   Phase Control Thyristor
DCR2290V65 DYNEX-DCR2290V65 Datasheet
432Kb / 10P
   Phase Control Thyristor
DCR2290V65 DYNEX-DCR2290V65_15 Datasheet
432Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR2290V65

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com