Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS84250RKGR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84250RKGR
Description  7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84250RKGR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS84250RKGR Datasheet HTML 10Page - Texas Instruments TPS84250RKGR Datasheet HTML 11Page - Texas Instruments TPS84250RKGR Datasheet HTML 12Page - Texas Instruments TPS84250RKGR Datasheet HTML 13Page - Texas Instruments TPS84250RKGR Datasheet HTML 14Page - Texas Instruments TPS84250RKGR Datasheet HTML 15Page - Texas Instruments TPS84250RKGR Datasheet HTML 16Page - Texas Instruments TPS84250RKGR Datasheet HTML 17Page - Texas Instruments TPS84250RKGR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
INH/UVLO
VIN
RUVLO1
RUVLO2
AGND
V
IN
(
)
( )
-
=
W
æ
ö
-
+
´
ç
÷
ç
÷
è
ø
UVLO2
ON
3
UVLO1
1.25
R
k
V
1.25
0.9
10
R
(
) ( )
-
-
=
W
´
ON
OFF
UVLO1
3
V
V
R
k
2.9
10
TPS84250
SLVSAR6 – AUGUST 2012
www.ti.com
Undervoltage Lockout (UVLO) Threshold
At turn-on, the VON UVLO threshold determines the input voltage level where the device begins power
conversion. During the power-down sequence, the VOFF UVLO threshold determines the input voltage where
power conversion ceases. The turn-on and turn-off thresholds are set by two resistors, RUVLO1 and RUVLO2 as
shown in Figure 26.
The VON UVLO threshold must be set to at least (VOUT + 3 V) or 7 V whichever is greater to insure proper start-
up and reduce current surges on the host input supply as the voltage rises. If possible, it is recommended to set
the UVLO threshold to appproximantely 80 to 85% of the minimum expected input voltage.
Use Equation 2 and Equation 3 to calculate the values of RUVLO1 and RUVLO2. VON is the voltage threshold during
power-up when the input voltage is rising. VOFF is the voltage threshold during power-down when the input
voltage is decreasing. VOFF should be selected to be at least 500mV less than VON. Table 4 lists standard resistor
values for RUVLO1 and RUVLO2 for adjusting the VON UVLO threshold for several input voltages.
(2)
(3)
Figure 26. Adjustable VIN UVLO
Table 4. Standard Resistor Values to set VON UVLO Threshold
VON THRESHOLD (V)
6.5
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
RUVLO1 (kΩ)
174
174
174
174
174
174
174
174
174
RUVLO2 (kΩ)
40.2
24.3
15.8
11.5
9.09
7.50
6.34
5.62
4.99
Power Good (PWRGD)
The PWRGD pin is an open drain output. Once the output voltage is between 94% and 106% of the set voltage,
the PWRGD pin pull-down is released and the pin floats. The recommended pull-up resistor value is between 10
k
Ω and 100 kΩ to a voltage source that is 5.5 V or less. The PWRGD pin is in a defined state once VIN is
greater than 1.0 V, but with reduced current sinking capability. The PWRGD pin achieves full current sinking
capability once the VIN pin is above 4.5V. The PWRGD pin is pulled low when the output voltage is lower than
91% or greater than 109% of the nominal set voltage. Also, the PWRGD pin is pulled low if the input UVLO or
thermal shutdown is asserted, the INH pin is pulled low, or the SS/TR pin is below 1.4 V.
14
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS84250RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250RKGR TI1-TPS84250RKGR Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
More results

Similar Description - TPS84250RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84250_1212 TI1-TPS84250_1212 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com