Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST58LM128 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST58LM128
Description  ATA-Disk Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM128 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST58LM128 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58LM128 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
1.2 SST’s ATA-Disk Module Product Offering
The SST58SM/LMxxx ATA-Disk Module product family is available in 8 to 192 MByte densities. The following table
shows the specific capacity, default number of cylinder heads, sectors and cylinders for each product line.
2.0 ELECTRICAL INTERFACE
2.0.1 Pin Assignment and Pin Type
The signal/pin assignments are listed in Tables 2-1 and 2-2. Low active signals have a “#” suffix. Pin types are
Input, Output or Input/Output. Section 2.3 defines the DC characteristics for all input and output type structures.
2.1 Electrical Description
The ADM functions in ATA Mode, which is compatible with IDE hard disk drives.
Table 2-3 describes the I/O signals. Signals whose source is the host are designated as inputs while signals that
the ADM sources are outputs. All outputs from the ADM are totem pole except the data bus signals which are in the
bi-directional tri-state. Refer to Section 2.3.2 for definitions of Input and Output types.
Model Number
Density
Total Bytes
Cylinders
Heads
Sectors
SST58SM/LM008
8 MB
8,028,160
245
2
32
SST58SM/LM016
16 MB
16,023,552
489
2
32
SST58SM/LM024
24 MB
24,051,712
367
4
32
SST58SM/LM032
32 MB
32,047,104
489
4
32
SST58SM/LM048
48 MB
48,037,888
733
4
32
SST58SM/LM064
64 MB
64,028,672
977
4
32
SST58SM/LM096
96 MB
96,075,776
733
8
32
SST58SM/LM128
128 MB
128,057,344
977
8
32
SST58SM/LM192
192 MB
192,151,552
733
16
32


Similar Part No. - SST58LM128

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58LD008 SST-SST58LD008 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD008-70-C-P1H SST-SST58LD008-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016 SST-SST58LD016 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016-70-C-P1H SST-SST58LD016-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD024 SST-SST58LD024 Datasheet
363Kb / 40P
   ATA-Disk Chip
More results

Similar Description - SST58LM128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com