Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF14K50 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18LF14K50
Description  20-Pin USB Flash Microcontrollers
Download  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF14K50 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18LF14K50 Datasheet HTML 5Page - Microchip Technology PIC18LF14K50 Datasheet HTML 6Page - Microchip Technology PIC18LF14K50 Datasheet HTML 7Page - Microchip Technology PIC18LF14K50 Datasheet HTML 8Page - Microchip Technology PIC18LF14K50 Datasheet HTML 9Page - Microchip Technology PIC18LF14K50 Datasheet HTML 10Page - Microchip Technology PIC18LF14K50 Datasheet HTML 11Page - Microchip Technology PIC18LF14K50 Datasheet HTML 12Page - Microchip Technology PIC18LF14K50 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41350E-page 9
PIC18F1XK50/PIC18LF1XK50
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
This family offers the advantages of all PIC18
microcontrollers
namely,
high
computational
performance at an economical price – with the addition
of high-endurance, Flash program memory. On top of
these features, the PIC18F/LF1XK50 family introduces
design
enhancements
that
make
these
microcontrollers a logical choice for many high-
performance, power sensitive applications.
1.1
New Core Features
1.1.1
nanoWatt XLP TECHNOLOGY
All of the devices in the PIC18F/LF1XK50 family incor-
porate a range of features that can significantly reduce
power consumption during operation. Key items
include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal oscillator
block, power consumption during code execution
can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled but the peripherals still
active. In these states, power consumption can be
reduced even further, to as little as 4% of normal
operation requirements.
• On-the-fly Mode Switching: The power-
managed modes are invoked by user code during
operation, allowing the user to incorporate power-
saving ideas into their application’s software
design.
• Low Consumption in Key Modules: The
power requirements for both Timer1 and the
Watchdog Timer are minimized. See
Section 27.0 “Electrical Specifications”
for values.
1.1.2
MULTIPLE OSCILLATOR OPTIONS
AND FEATURES
All of the devices in the PIC18F/LF1XK50 family offer
ten different oscillator options, allowing users a wide
range of choices in developing application hardware.
These include:
• Four Crystal modes, using crystals or ceramic
resonators
• External Clock modes, offering the option of using
two pins (oscillator input and a divide-by-4 clock
output) or one pin (oscillator input, with the sec-
ond pin reassigned as general I/O)
• External RC Oscillator modes with the same pin
options as the External Clock modes
• An internal oscillator block which contains a
16 MHz HFINTOSC oscillator and a 31 kHz
LFINTOSC oscillator which together provide 8
user selectable clock frequencies, from 31 kHz to
16 MHz. This option frees the two oscillator pins
for use as additional general purpose I/O.
• A Phase Lock Loop (PLL) frequency multiplier,
available to both the high-speed crystal and inter-
nal oscillator modes, which allows clock speeds of
up to 48 MHz. Used with the internal oscillator, the
PLL gives users a complete selection of clock
speeds, from 31 kHz to 32 MHz – all without using
an external crystal or clock circuit.
Besides its availability as a clock source, the internal
oscillator block provides a stable reference source that
gives
the
family
additional
features
for
robust
operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a refer-
ence signal provided by the LFINTOSC. If a clock
failure occurs, the controller is switched to the
internal oscillator block, allowing for continued
operation or a safe application shutdown.
• Two-Speed Start-up: This option allows the
internal oscillator to serve as the clock source
from Power-on Reset, or wake-up from Sleep
mode, until the primary clock source is available.
• PIC18F13K50
• PIC18F14K50
• PIC18LF13K50
• PIC18LF14K50


Similar Part No. - PIC18LF14K50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF14K50 MICROCHIP-PIC18LF14K50 Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF14K50 MICROCHIP-PIC18LF14K50 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18LF14K50-E/MQ MICROCHIP-PIC18LF14K50-E/MQ Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF14K50-E/P MICROCHIP-PIC18LF14K50-E/P Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC18LF14K50-E/P MICROCHIP-PIC18LF14K50-E/P Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC18LF14K50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
PIC16F720 MICROCHIP-PIC16F720_13 Datasheet
4Mb / 254P
   20-Pin Flash Microcontrollers
11/29/12 2010-2013
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC18F1XK50 MICROCHIP-PIC18F1XK50 Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507-E MICROCHIP-PIC16F1507-E Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16F1459-EML MICROCHIP-PIC16F1459-EML Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16LF1454 MICROCHIP-PIC16LF1454 Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
   14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com