Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF100-70-4I-B3K Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST39LF100-70-4I-B3K
Description  1 Mbit (64K x16) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF100-70-4I-B3K Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST39LF100-70-4I-B3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF100-70-4I-B3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Data Sheet
1 Mbit Multi-Purpose Flash
SST39LF100 / SST39VF100
©2001 Silicon Storage Technology, Inc.
S71129-02-000
6/01
363
Read
The Read operation of the SST39LF/VF100 is controlled
by CE# and OE#, both have to be low for the system to
obtain data from the outputs. CE# is used for device selec-
tion. When CE# is high, the chip is deselected and only
standby power is consumed. OE# is the output control and
is used to gate data from the output pins. The data bus is in
high impedance state when either CE# or OE# is high.
Refer to the Read cycle timing diagram for further details
(Figure 2).
Word-Program Operation
The SST39LF/VF100 are programmed on a word-by-word
basis. Before programming, one must ensure that the sec-
tor in which the word is programmed is erased. The Pro-
gram operation consists of three steps. The first step is the
three-byte load sequence for Software Data Protection.
The second step is to load word address and word data.
During the Word-Program operation, the addresses are
latched on the falling edge of either CE# or WE#, which-
ever occurs last. The data is latched on the rising edge of
either CE# or WE#, whichever occurs first. The third step is
the internal Program operation which is initiated after the
rising edge of the fourth WE# or CE#, whichever occurs
first. The Program operation, once initiated, will be com-
pleted within 20 µs. See Figures 3 and 4 for WE# and CE#
controlled Program operation timing diagrams and Figure
13 for flowcharts. During the Program operation, the only
valid reads are Data# Polling and Toggle Bit. During the
internal Program operation, the host is free to perform addi-
tional tasks. Any commands issued during the internal Pro-
gram operation are ignored.
Sector-Erase Operation
The Sector-Erase operation allows the system to erase the
device on a sector-by-sector basis. The sector architecture
is based on uniform sector size of 2 KWord. The Sector-
Erase operation is initiated by executing a six-byte com-
mand sequence with Sector-Erase command (30H) and
sector address (SA) in the last bus cycle. The address lines
A11-A15 are used to determine the sector address. The
sector address is latched on the falling edge of the sixth
WE# pulse, while the command (30H) is latched on the ris-
ing edge of the sixth WE# pulse. The internal Erase opera-
tion begins after the sixth WE# pulse. The End-of-Erase
operation can be determined using either Data# Polling or
Toggle Bit methods. See Figure 8 for timing waveforms.
Any commands issued during the Sector-Erase operation
are ignored.
Chip-Erase Operation
The SST39LF/VF100 provide a Chip-Erase operation,
which allows the user to erase the entire memory array to
the “1” state. This is useful when the entire device must be
quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte command sequence with Chip-Erase command (10H)
at address 5555H in the last byte sequence. The Erase
operation begins with the rising edge of the sixth WE# or
CE#, whichever occurs first. During the Erase operation,
the only valid read is Toggle Bit or Data# Polling. See Table
4 for the command sequence, Figure 7 for timing diagram,
and Figure 16 for the flowchart. Any commands issued dur-
ing the Chip-Erase operation are ignored.
Write Operation Status Detection
The SST39LF/VF100 provide two software means to
detect the completion of a Write (Program or Erase) cycle,
in order to optimize the system write cycle time. The soft-
ware detection includes two status bits: Data# Polling
(DQ7) and Toggle Bit (DQ6). The End-of-Write detection
mode is enabled after the rising edge of WE#, which ini-
tiates the internal program or erase operation.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either DQ7 or DQ6. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.
Data# Polling (DQ7)
When the SST39LF/VF100 are in the internal Program
operation, any attempt to read DQ7 will produce the com-
plement of the true data. Once the Program operation is
completed, DQ7 will produce true data. The device is then
ready for the next operation. During internal Erase opera-
tion, any attempt to read DQ7 will produce a ‘0’. Once the
internal Erase operation is completed, DQ7 will produce a
‘1’. The Data# Polling is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector- or
Chip-Erase, the Data# Polling is valid after the rising edge
of sixth WE# (or CE#) pulse. See Figure 5 for Data# Polling
timing diagram and Figure 14 for a flowchart.


Similar Part No. - SST39LF100-70-4I-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4C-B3K SST-SST39LF160-55-4C-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4C-EK SST-SST39LF160-55-4C-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4I-B3K SST-SST39LF160-55-4I-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4I-EK SST-SST39LF160-55-4I-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39LF100-70-4I-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com