Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39SF512-70-4C-PH Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST39SF512-70-4C-PH
Description  512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39SF512-70-4C-PH Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST39SF512-70-4C-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39SF512-70-4C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
512 Kbit / 1 Mbit Multi-Purpose Flash
SST39SF512 / SST39SF010
3
©2001 Silicon Storage Technology, Inc.
S71149-03-000
4/01
394
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 0s
and 1s, i.e., toggling between 0 and 1. The Toggle Bit will
begin with “1”. When the internal Program or Erase opera-
tion is completed, the toggling will stop. The device is then
ready for the next operation. The Toggle Bit is valid after the
rising edge of fourth WE# (or CE#) pulse for Program oper-
ation. For Sector or Chip-Erase, the Toggle Bit is valid after
the rising edge of sixth WE# (or CE#) pulse. See Figure 8
for Toggle Bit timing diagram and Figure 16 for a flowchart.
Data Protection
The SST39SF512/010 provide both hardware and soft-
ware features to protect nonvolatile data from inadvertent
writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The write operation is
inhibited when VDD is less than 2.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39SF512/010 provide the JEDEC approved Soft-
ware Data Protection scheme for all data alteration opera-
tions, i.e., Program and Erase. Any Program operation
requires the inclusion of a series of three byte sequence.
The three byte-load sequence is used to initiate the Pro-
gram operation, providing optimal protection from inadvert-
ent write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of
six byte load sequence. The SST39SF512 device is
shipped with the Software Data Protection permanently
enabled. See Table 4 for the specific software command
codes. During SDP command sequence, invalid com-
mands will abort the device to read mode, within TRC.
Product Identification
The product identification mode identifies the device as the
SST39SF512 and SST39SF010 and manufacturer as
SST. This mode may be accessed by software operations.
Users may use the software product identification operation
to identify the part (i.e., using the device ID) when using
multiple manufacturers in the same socket. For details, see
Table 3 for hardware operation or Table 4 for software oper-
ation, Figure 11 for the software ID entry and read timing
diagram and Figure 17 for the ID entry command
sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read operation.
Please note that the software reset command is ignored
during an internal Program or Erase operation. See Table 4
for software command codes, Figure 12 for timing wave-
form and Figure 17 for a flowchart.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39LF/VF512
0001H
B4H
SST39LF/VF010
0001H
B5H
T1.1 394


Similar Part No. - SST39SF512-70-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF512-70-4C-PH SST-SST39SF512-70-4C-PH Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39SF512-70-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com