Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74001DGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74001DGKR
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74001DGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS74001DGKR Datasheet HTML 5Page - Texas Instruments TPS74001DGKR Datasheet HTML 6Page - Texas Instruments TPS74001DGKR Datasheet HTML 7Page - Texas Instruments TPS74001DGKR Datasheet HTML 8Page - Texas Instruments TPS74001DGKR Datasheet HTML 9Page - Texas Instruments TPS74001DGKR Datasheet HTML 10Page - Texas Instruments TPS74001DGKR Datasheet HTML 11Page - Texas Instruments TPS74001DGKR Datasheet HTML 12Page - Texas Instruments TPS74001DGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
50
40
30
20
10
0
0
1600
OutputCurrent(mA)
200
V
=5V
V
=2.5V
V
=1.5V
BIAS
IN
OUT
800
600
400
1000
1400
1200
14
12
10
8
6
4
2
0
3
6.5
BiasVoltage(V)
3.5
I
=0mA
V
=2.5V
V
=1.5V
OUT
IN
OUT
5
4.5
4
5.5
6
14
12
10
8
6
4
2
0
3
6.5
BiasVoltage(V)
3.5
I
=100mA
V
=2.5V
V
=1.5V
OUT
IN
OUT
5
4.5
4
5.5
6
50
40
30
20
10
0
3
6.5
BiasVoltage(V)
3.5
I
=750mA
V
=2.5V
V
=1.5V
OUT
IN
OUT
5
4.5
4
5.5
6
50
40
30
20
10
0
3
6.5
BiasVoltage(V)
3.5
I
=1500mA
V
=2.5V
V
=1.5V
OUT
IN
OUT
5
4.5
4
5.5
6
20
18
16
14
12
10
8
6
4
2
0
0
2.5
InputVoltage(V)
0.5
I
=100mA
V
=5V
V
=1.5V
OUT
BIAS
OUT
2
1.5
1
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = 2.5 V, VBIAS = 5.0 V, VOUT(target) = 1.5 V, VEN = VBIAS, CIN = 2.2 μF, CBIAS = 2.2 μF, and COUT = 10 μF,
unless otherwise noted.
BIAS CURRENT vs OUTPUT CURRENT
GROUND CURRENT vs BIAS VOLTAGE
Figure 15.
Figure 16.
BIAS CURRENT vs BIAS VOLTAGE
BIAS CURRENT vs BIAS VOLTAGE
Figure 17.
Figure 18.
BIAS CURRENT vs BIAS VOLTAGE
BIAS CURRENT vs INPUT VOLTAGE
Figure 19.
Figure 20.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS740xx


Similar Part No. - TPS74001DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001DGKR TI1-TPS74001DGKR Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS74001DGKR TI1-TPS74001DGKR Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74001DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com