Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73619DRBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73619DRBT
Description  400mA Low-Dropout Regulator for C2000?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73619DRBT Datasheet(HTML) 5 Page - Texas Instruments

  TPS73619DRBT Datasheet HTML 1Page - Texas Instruments TPS73619DRBT Datasheet HTML 2Page - Texas Instruments TPS73619DRBT Datasheet HTML 3Page - Texas Instruments TPS73619DRBT Datasheet HTML 4Page - Texas Instruments TPS73619DRBT Datasheet HTML 5Page - Texas Instruments TPS73619DRBT Datasheet HTML 6Page - Texas Instruments TPS73619DRBT Datasheet HTML 7Page - Texas Instruments TPS73619DRBT Datasheet HTML 8Page - Texas Instruments TPS73619DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Servo
Error
Amp
Ref
27k
8k
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80kΩ
4MHz
Charge Pump
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
TPS73619
www.ti.com
SBVS167
– JUNE 2011
FUNCTIONAL BLOCK DIAGRAM
Figure 2. Fixed Voltage Version
PIN CONFIGURATION
PIN DESCRIPTIONS
3x3 SON (DRB)
NAME
PIN NO.
DESCRIPTION
IN
8
Input supply
GND
4, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
5
shutdown mode. Refer to the Shutdown section under Applications Information for more details. EN
can be connected to IN if not used.
Fixed voltage versions only
—connecting an external capacitor to this pin bypasses noise generated by
NR
3
the internal bandgap, reducing output noise to very low levels.
Adjustable voltage version only
—this is the input to the control loop error amplifier, and is used to set
FB
3
the output voltage of the device.
OUT
1
Output of the Regulator. There are no output capacitor requirements for stability.
Copyright
© 2011, Texas Instruments Incorporated
5


Similar Part No. - TPS73619DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73619DRBT TI-TPS73619DRBT Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73619DRBT TI-TPS73619DRBT Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73619DRBTG4 TI-TPS73619DRBTG4 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73619DRBTG4 TI-TPS73619DRBTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73619DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73219 TI1-TPS73219 Datasheet
511Kb / 20P
[Old version datasheet]   250mA Low-Dropout Regulator for C2000?
TPS73734 TI1-TPS73734 Datasheet
677Kb / 21P
[Old version datasheet]   1A, Low-Dropout Voltage Regulator for C2000?
TPS73534 TI1-TPS73534 Datasheet
728Kb / 19P
[Old version datasheet]   500mA, Low-Dropout Voltage Regulator for C2000?
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com