Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72725DSET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72725DSET
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72725DSET Datasheet(HTML) 5 Page - Texas Instruments

  TPS72725DSET Datasheet HTML 1Page - Texas Instruments TPS72725DSET Datasheet HTML 2Page - Texas Instruments TPS72725DSET Datasheet HTML 3Page - Texas Instruments TPS72725DSET Datasheet HTML 4Page - Texas Instruments TPS72725DSET Datasheet HTML 5Page - Texas Instruments TPS72725DSET Datasheet HTML 6Page - Texas Instruments TPS72725DSET Datasheet HTML 7Page - Texas Instruments TPS72725DSET Datasheet HTML 8Page - Texas Instruments TPS72725DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OUT
B2
A2
B1
A1
IN
EN
GND
OUT
B2
A2
B1
A1
IN
EN
GND
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
See Note
TPS72715YFF
TPS72718YFF
TPS72728YFF
Top Dot
Mark
Tape and Reel
Sprocket Holes
TPS72711YFF
(Example)
See Note
Top Dot
Mark
Tape and Reel
Sprocket Holes
TPS727xxDSE
(All Voltage Versions)
Top Dot
Mark
Tape and Reel
Sprocket Holes
See Note
TPS727xx
www.ti.com
SBVS128C – JUNE 2009 – REVISED JANUARY 2011
PIN CONFIGURATIONS
space
TPS72715, TPS72718, TPS72728
ALL OTHER TPS727xx DEVICES
YFF PACKAGE
YFF PACKAGE
WCSP-4
WCSP-4
(TOP VIEW)
(TOP VIEW)
See note.
See note.
DSE PACKAGE
1,5mm × 1,5mm SON-6
(TOP VIEW)
NOTE
EN pin marked with dot for 1.5V, 1.8V, and 2.8V versions of YFF package. GND pin
marked with dot for all other voltage versions of YFF package.
PIN DESCRIPTIONS
TPS727xx
NAME
YFF
DSE
DESCRIPTION
Regulated output voltage pin. A small 1mF ceramic capacitor is needed from this pin to ground to assure stability. See Input
OUT
B2
1
and Output Capacitor Requirements in the Application Information section for more details.
NC
2
No connection. This pin can be tied to to ground to improve thermal dissipation.
GND
B1
3
Ground pin.
Enable pin. Driving EN over 0.9V turns on the regulator. Driving EN below 0.4V puts the regulator into shutdown mode, thus
EN
A1
4
reducing the operating current to 120nA, nominal.
NC
5
No connection. This pin can be tied to to ground to improve thermal dissipation.
Input pin. A small capacitor is needed from this pin to ground to assure stability. See Input and Output Capacitor
IN
A2
6
Requirements in the Application Information section for more details.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS72725DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72725DSET TI-TPS72725DSET Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72725DSET TI1-TPS72725DSET Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72725DSET TI-TPS72725DSET Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72725DSET TI1-TPS72725DSET Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS72725DSET TI-TPS72725DSET Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72725DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com