Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72015DRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72015DRVT
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72015DRVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS72015DRVT Datasheet HTML 1Page - Texas Instruments TPS72015DRVT Datasheet HTML 2Page - Texas Instruments TPS72015DRVT Datasheet HTML 3Page - Texas Instruments TPS72015DRVT Datasheet HTML 4Page - Texas Instruments TPS72015DRVT Datasheet HTML 5Page - Texas Instruments TPS72015DRVT Datasheet HTML 6Page - Texas Instruments TPS72015DRVT Datasheet HTML 7Page - Texas Instruments TPS72015DRVT Datasheet HTML 8Page - Texas Instruments TPS72015DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS720xx
SBVS100D – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater); VIN ≥ VOUT +
0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 10Hz
80
dB
f = 100Hz
80
dB
VIN – VOUT ≥ 0.5V,
f = 1kHz
75
dB
PSRR
VBIAS power-supply rejection ratio
VBIAS = VOUT + 1.4V,
f = 10kHz
65
dB
IOUT = 350mA
f = 100kHz
55
dB
f = 1MHz
35
dB
BW = 10Hz to 100kHz, VBIAS ≥ 2.5V,
VN
Output noise voltage
48
µV
RMS
VIN = VOUT + 0.5V
VBIAS = (VOUT +1.4V) or 2.5V (whichever is
100 +
IVIN_INRUSH
Inrush current on VIN
mA
greater), VIN = VOUT + 0.5V
ILOAD
VOUT = 95% VOUT(NOM), IOUT = 350mA,
tSTR
Startup time
140
µs
COUT = 2.2µF
VEN(HI)
Enable pin high (enabled)
1.1
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
VEN = 5.5V, VIN = 4.5V, VBIAS = 5.5V
1.0
µA
Undervoltage lockout
VBIAS rising
2.41
2.45
2.49
V
UVLO
Hysteresis
VBIAS falling
150
mV
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TPS72015DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72015DRVT TI-TPS72015DRVT Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72015DRVT TI1-TPS72015DRVT Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS72015DRVT TI1-TPS72015DRVT Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72015DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com