Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73219 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS73219
Description  250mA Low-Dropout Regulator for C2000?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73219 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73219 Datasheet HTML 8Page - Texas Instruments TPS73219 Datasheet HTML 9Page - Texas Instruments TPS73219 Datasheet HTML 10Page - Texas Instruments TPS73219 Datasheet HTML 11Page - Texas Instruments TPS73219 Datasheet HTML 12Page - Texas Instruments TPS73219 Datasheet HTML 13Page - Texas Instruments TPS73219 Datasheet HTML 14Page - Texas Instruments TPS73219 Datasheet HTML 15Page - Texas Instruments TPS73219 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
TPS732xx
GND
EN
ON
OFF
NR
IN
OUT
VIN
VOUT
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
Optionaloutputcapacitor.
Mayimproveloadtransient,
noise,orPSRR.
Optionalbypass
capacitortoreduce
outputnoise.
V
N(mVRMS)
+ 27
mVRMS
V
V
OUT(V)
V
N(mVRMS)
+ 8.5
mVRMS
V
V
OUT(V)
TPS73219
SBVS166
– JUNE 2011
www.ti.com
APPLICATION INFORMATION
types and values of capacitors. In applications where
The TPS73219 belongs to a family of new generation
multiple low ESR capacitors are in parallel, ringing
LDO regulators that use an NMOS pass transistor to
may occur when the product of COUT and total ESR
achieve
ultra-low-dropout
performance,
reverse
drops below 50n
ΩF. Total ESR includes all parasitic
current blockage, and freedom from output capacitor
resistances, including capacitor ESR and board,
constraints. These features, combined with low noise
socket,
and
solder
joint
resistance.
In
most
and an enable input, make the TPS73219 ideal for
applications, the sum of capacitor ESR and trace
portable applications. This regulator family offers a
resistance will meet this requirement.
wide selection of fixed output voltage versions and an
adjustable output version. All versions have thermal
OUTPUT NOISE
and
over-current
protection,
including
foldback
current limit.
A precision band-gap reference is used to generate
the internal reference voltage, VREF. This reference is
Figure 31 shows the basic circuit connections for the
the dominant noise source within the TPS73219 and
fixed voltage models.
it
generates
approximately
32
µVRMS
(10Hz
to
100kHz) at the reference output (NR). The regulator
control loop gains up the reference noise with the
same gain as the reference voltage, so that the noise
voltage of the regulator is approximately given by:
(1)
Since the value of VREF is 1.2V, this relationship
reduces to:
(2)
for the case of no CNR.
Figure 31. Typical Application Circuit for
Fixed-Voltage Versions
An internal 27k
Ω resistor in series with the noise
reduction pin (NR) forms a low-pass filter for the
For best accuracy, make the parallel combination of
voltage reference when an external noise reduction
R1 and R2 approximately equal to 19kΩ. This 19kΩ,
capacitor, CNR, is connected from NR to ground. For
in addition to the internal 8k
Ω resistor, presents the
CNR = 10nF, the total noise in the 10Hz to 100kHz
same impedance to the error amp as the 27k
bandwidth is reduced by a factor of ~3.2, giving the
bandgap reference output. This impedance helps
approximate relationship:
compensate
for
leakages
into
the
error
amp
terminals.
(3)
INPUT AND OUTPUT CAPACITOR
for CNR = 10nF.
REQUIREMENTS
This noise reduction effect is shown as RMS Noise
Although an input capacitor is not required for
Voltage
vs
CNR
(Figure
20)
in
the
Typical
stability, it is good analog design practice to connect
Characteristics section.
a 0.1
μF to 1μF low ESR capacitor across the input
supply near the regulator. This counteracts reactive
The TPS73219 uses an internal charge pump to
input sources and improves transient response, noise
develop an internal supply voltage sufficient to drive
rejection,
and
ripple
rejection.
A
higher-value
the gate of the NMOS pass element above VOUT. The
capacitor may be necessary if large, fast rise-time
charge pump generates ~250
μV of switching noise at
load transients are anticipated or the device is
~4MHz; however, charge-pump noise contribution is
located several inches from the power source.
negligible at the output of the regulator for most
values of IOUT and COUT.
The TPS73219 does not require an output capacitor
for stability and has maximum phase margin with no
capacitor. It is designed to be stable for all available
12
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS73219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73219DBVR TI-TPS73219DBVR Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73219DBVR TI1-TPS73219DBVR Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS73219DBVT TI-TPS73219DBVT Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73219DBVT TI1-TPS73219DBVT Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
More results

Similar Description - TPS73219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73619 TI1-TPS73619 Datasheet
524Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator for C2000?
TPS73734 TI1-TPS73734 Datasheet
677Kb / 21P
[Old version datasheet]   1A, Low-Dropout Voltage Regulator for C2000?
TPS73534 TI1-TPS73534 Datasheet
728Kb / 19P
[Old version datasheet]   500mA, Low-Dropout Voltage Regulator for C2000?
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com