Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71913-28DRVRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS71913-28DRVRG4
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71913-28DRVRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71913-28DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 9Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 10Page - Texas Instruments TPS71913-28DRVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
200
160
120
80
40
0
0
100
200
I
(mA)
OUT
50
150
T =+125 C
J
°
T =
0 C
J
-4 °
T =+85 C
J
°
T =+25 C
J
°
60
50
40
30
20
10
0
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
I
=1mA
OUT
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
140
120
100
80
60
40
20
0
I
=0mA
OUT
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
T = 40 C
J
-
°
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T =+125 C
J
°
T =+85 C
J
°
T =+25 C
J
°
450
425
400
375
350
325
300
275
250
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T =+125 C
J
T =+85 C
T =+25 C
T = 40 C
J
J
J
-
°
°
°
°
90
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency(Hz)
1k
10k
100
1M
5mA
100mA
200mA
TPS718xx
TPS719xx
www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C.
GROUND PIN CURRENT vs
GROUND PIN CURRENT vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 8.
Figure 9.
GROUND PIN CURRENT vs
SHUTDOWN CURRENT vs
TEMPERATURE (BOTH LDOs ENABLED)
INPUT VOLTAGE
Figure 10.
Figure 11.
CURRENT LIMIT vs
POWER-SUPPLY RIPPLE REJECTION vs
INPUT VOLTAGE
FREQUENCY (VIN – VOUT = 0.5V)
Figure 12.
Figure 13.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS718xx TPS719xx


Similar Part No. - TPS71913-28DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71913-28DRVRG4 TI-TPS71913-28DRVRG4 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71913-28DRVRG4 TI-TPS71913-28DRVRG4 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

Similar Description - TPS71913-28DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com