Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72301-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS72301-Q1
Description  200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72301-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72301-Q1 Datasheet HTML 4Page - Texas Instruments TPS72301-Q1 Datasheet HTML 5Page - Texas Instruments TPS72301-Q1 Datasheet HTML 6Page - Texas Instruments TPS72301-Q1 Datasheet HTML 7Page - Texas Instruments TPS72301-Q1 Datasheet HTML 8Page - Texas Instruments TPS72301-Q1 Datasheet HTML 9Page - Texas Instruments TPS72301-Q1 Datasheet HTML 10Page - Texas Instruments TPS72301-Q1 Datasheet HTML 11Page - Texas Instruments TPS72301-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Time(1ms/div)
C
2.2m
IN = -
F,C
m
OUT =2.2 F
I
=0.01m
OUT =100mA,CNR
F
10m
1m
100n
10n
Frequency(Hz)
100
1k
10k
100k
C
=0.01 F
IN
m
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=100mA
OUT
I
=25 A
OUT
m
10m
1m
100n
10n
Frequency(Hz)
100
1k
10k
100k
C
=0 F
IN
m
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=100mA
OUT
I
=25 A
OUT
m
90
80
70
60
50
40
30
20
10
0
-
10
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
V
-
IN =
5V
C
m
IN =10 F
C
m
OUT =10 F
C
=0
NR
m
F
I
=1mA
OUT
I
=200mA
OUT
I
=100mA
OUT
90
80
70
60
50
40
30
20
10
0
-
10
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
V
IN = -5V
C
IN =10mF
C
OUT =10mF
C
=0.01
NR
m
F
I
=1mA
OUT
I
=200mA
OUT
I
=100mA
OUT
TPS72301-Q1
TPS72325-Q1
SLVSAJ4A
– SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS723xx-Q1 at VIN = VOUTnom – 0.5V, IOUT = 1mA, VEN = 1.5V, COUT = 2.2μF, and CNR = 0.01μF, unless otherwise noted.
OUTPUT NOISE vs TIME
NOISE SPECTRAL DENSITY vs FREQUENCY
Figure 19.
Figure 20.
NOISE SPECTRAL DENSITY vs FREQUENCY
PSRR vs FREQUENCY
Figure 21.
Figure 22.
PSRR vs FREQUENCY
Figure 23.
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS72301-Q1 TPS72325-Q1


Similar Part No. - TPS72301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results

Similar Description - TPS72301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com