Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST31LF041-70-4E-WI Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST31LF041-70-4E-WI
Description  4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF041-70-4E-WI Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST31LF041-70-4E-WI Datasheet HTML 1Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
4 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory
SST31LF041 / SST31LF041A / SST31LF043 / SST31LF043A
5
©2001 Silicon Storage Technology, Inc.
S71107-03-000
5/01
349
which returns the device to the Read operation. Please
note that the software-reset command is ignored during an
internal Program or Erase operation. See Table 4 for soft-
ware command codes, Figure 13 for timing waveform and
Figure 19 for a flowchart.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
device. Additionally, a low frequency 4.7 µF electrolytic
capacitor from VDD to VSS should be placed within 1 cm of
the VDD pin.
FIGURE 1: PIN ASSIGNMENTS FOR 40-LEAD TSOP (10MM X 14MM) - SSTLF041/043
I/O Buffers
349 ILL B1.6
Address Buffers
DQ7 - DQ0
OE#
BEF#
WE#
SuperFlash
Memory
SRAM
Control Logic
BES#
AMS - A0
AMS = Most Significant Address
Address Buffers
& Latches
FUNCTIONAL BLOCK DIAGRAM
A16
A15
A14
A13
A12
A11
A9
A8
WE#
NC
BES#
NC
A18
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A17
VSS
NC
NC
A10
DQ7
DQ6
DQ5
DQ4
VDD
VDD
NC
DQ3
DQ2
DQ1
DQ0
OE#
VSS
BEF#
A0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
349 ILL F01.2
Standard Pinout
Top View
Die Up


Similar Part No. - SST31LF041-70-4E-WI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041-70-4E-WI SST-SST31LF041-70-4E-WI Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results

Similar Description - SST31LF041-70-4E-WI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com