Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65300QRHFRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65300QRHFRQ1
Description  3-MHz Step-Down Regulator and Triple Linear Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65300QRHFRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65300QRHFRQ1 Datasheet HTML 2Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 3Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 4Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 5Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 6Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 7Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 8Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 9Page - Texas Instruments TPS65300QRHFRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1
2
3
4
5
6
7
19
18
17
16
15
14
13
8
9 10 11 12
24 23 22 21 20
BOOT
VIN
IGN_EN
BOOT_LDO
NC
RT/CLK
EN
DELAY
RHF Package
(Top View)
SS
3.3VDRIVE
3.3VSENSE
1,2VDRIVE
1.2VSENSE
VSENSE
P0057-02
1
2
3
4
5
6
7
8
9
11
10
12
24
23
22
21
20
19
18
17
16
14
15
13
PWP Package
(Top View)
P0110-03
PH
VIN_D
BOOT
IGN_ST
VIN
IGN_EN
BOOT_LDO
NC
RT/CLK
EN
5V
GND
PGND
nRST
VREG
DELAY
SS
3.3VDRIVE
3.3VSENSE
1.2VDRIVE
1.2VSENSE
VSENSE
COMP
NC
TPS65300-Q1
SLVSBB6B – MARCH 2012 – REVISED APRIL 2012
www.ti.com
DEVICE INFORMATION
Table 1. Pin Descriptions
PIN
NUMBER
I/O
DESCRIPTION
NAME
PWP
RHF
PH
1
23
O
Source of internal switching FET
Drain input for internal high side MOSFET. Pin 2 and pin 4 must be
VIN_D
2
24
I
connected together externally.
External bootstrap capacitor connected to PH (pin 1) to drive gate of
BOOT
3
1
O
internal switching FET
Unregulated input voltage supply. Pin 2 and pin 4 must be connected
VIN
4
2
I
together externally.
Ignition input (high-voltage tolerant) internally pulls to ground. Must be
IGN_EN
5
3
I
externally pulled up to enable
BOOT_LDO
6
4
O
External capacitor connected to ground for stability of internal regulator
NC
7
5
Connect to ground
External resistor connected ground to program the internal oscillator.
RT/CLK
8
6
I/O
Alternative option is to feed an external clock to provide reference for
switching frequency.
A high logic-level input signal to enable and low signal to disable device.
EN
9
7
I
Internally pulled down to ground
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65300-Q1


Similar Part No. - TPS65300QRHFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65301-Q1 TI1-TPS65301-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
TPS65301QPWPQ1 TI1-TPS65301QPWPQ1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
TPS65301QPWPRQ1 TI1-TPS65301QPWPRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
More results

Similar Description - TPS65300QRHFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65301-Q1 TI1-TPS65301-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com