Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63000-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63000-Q1
Description  HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63000-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS63000-Q1 Datasheet HTML 7Page - Texas Instruments TPS63000-Q1 Datasheet HTML 8Page - Texas Instruments TPS63000-Q1 Datasheet HTML 9Page - Texas Instruments TPS63000-Q1 Datasheet HTML 10Page - Texas Instruments TPS63000-Q1 Datasheet HTML 11Page - Texas Instruments TPS63000-Q1 Datasheet HTML 12Page - Texas Instruments TPS63000-Q1 Datasheet HTML 13Page - Texas Instruments TPS63000-Q1 Datasheet HTML 14Page - Texas Instruments TPS63000-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Inductor Selection
L
1 +
V
OUT
V
IN1 * VOUT
V
IN1
f
0.3 A
(3)
L
2 +
V
in2
V
OUT * VIN2
V
OUT
f
0.3 A
(4)
I
1 +
I
OUT
0.8 )
V
OUT VIN1 * VOUT
2
V
IN1
f
L
(5)
I
2 +
V
OUT
I
OUT
0.8
V
IN2
)
V
IN2
V
OUT * VIN2
2
V
OUT
f
L
(6)
Capacitor Selection
Input Capacitor
TPS63000-Q1
www.ti.com ...................................................................................................................................................................................................... SLVS968 – JUNE 2009
To properly configure the TPS63000 devices, an inductor must be connected between pin L1 and pin L2. To
estimate the inductance value Equation 3 and Equation 4 can be used.
In both equations f is the minimum switching frequency. In Equation 3 the minimum inductance value, L1 for step
down mode operation is calculated. VIN1 is the maximum input voltage. In Equation 4 the minimum inductance,
L2, for boost mode operation is calculated. VIN2 is the minimum input voltage. The recommended minimum
inductor value is either L1 or L2 whichever is higher. As an example, a suitable inductor for generating 3.3 V from
a Li-Ion battery with a battery voltage range from 2.5 V up to 4.2 V is 2.2
µH. The recommended inductor value
range is between 1.5
µH and 4.7 µH. In general, this means that at high voltage conversion rates, higher inductor
values offer better performance.
With the chosen inductance value, the peak current for the inductor in steady state operation can be calculated.
Equation 5 shows how to calculate the peak current I1 in step down mode operation and Equation 6 shows how
to calculate the peak current I2 in boost mode operation.
The critical current value for selecting the right inductor is the higher value of I1 and I2. It also needs to be taken
into account that load transients and error conditions may cause higher inductor currents. This also needs to be
taken into account when selecting an appropriate inductor. The following inductor series from different suppliers
have been used with TPS63000 converters:
Table 1. List of Inductors
VENDOR
INDUCTOR SERIES
LPS3015
Coilcraft
LPS4012
Murata
LQH3NP
Tajo Yuden
NR3015
VLF3215
TDK
VLF4012
At least a 4.7
µF input capacitor is recommended to improve transient behavior of the regulator and EMI
behavior of the total power supply circuit. A ceramic capacitor placed as close as possible to the VIN and PGND
pins of the IC is recommended.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS63000-Q1


Similar Part No. - TPS63000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Similar Description - TPS63000-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
   High Efficiency Single Inductor Buck-Boost Converter
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com