Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62650TYFFRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62650TYFFRQ1
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62650TYFFRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62650TYFFRQ1 Datasheet HTML 7Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 8Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 9Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 10Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 11Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 12Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 13Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 14Page - Texas Instruments TPS62650TYFFRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
0
100
200
300
400
500
600
700
800
I
-LoadCurrent-mA
O
0
2
4
6
8
10
12
14
16
18
20
22
24
V
=1.2V
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V -InputVoltage-V
I
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
V
=1.2V
PFM/PWM
O
I
=300mA
O
I
=10mA
O
I
=100mA
O
I
=1mA
O
0
2
4
6
8
10
12
14
16
18
20
22
24
0
100
200
300
400
500
600
700
800
I
-LoadCurrent-mA
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
V
=1.05V
O
0
2
4
6
8
10
12
14
16
18
20
22
24
0
100
200
300
400
500
600
700
800
I
-LoadCurrent-mA
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
V
=0.75V
O
TPS62650-Q1
www.ti.com
SLVSB62A – MARCH 2012 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 9.
Figure 10.
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62650-Q1


Similar Part No. - TPS62650TYFFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI1-TPS62650 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62650 TI-TPS62650 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650YFF TI-TPS62650YFF Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650YFFR TI-TPS62650YFFR Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62650TYFFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com